データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CMS2-4-R

  • AI
    The **CMS2-4-R** is a specific electronic component belonging to the **Common Mode Choke** family, manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is primarily used for EMI (Electromagnetic Interference) filtering in power and signal lines. --- ## 1. Technical Specifications The "CMS2-4-R" part number encodes specific characteristics regarding its size, inductance, and current capacity. | Feature | Specification | | :--- | :--- | | **Component Type** | Common Mode Choke | | **Number of Lines** | 2 (Dual Winding) | | **Inductance** | 8.24 µH (Typical) | | **Current Rating (RMS)** | 4.8 Amperes | | **DCR (Direct Current Resistance)** | 14.8 mΩ (Max) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Internal Parts & Construction The device is composed of several critical electronic materials that define its performance: ### A. Ferrite Core The "heart" of the component is a high-permeability ferrite ring (toroid). * **Function:** It provides the magnetic path for the flux. * **Property:** It is designed to offer high impedance to high-frequency noise (Common Mode) while offering low impedance to the desired signal (Differential Mode). ### B. Copper Windings Two identical coils of insulated copper wire are wound around the core. * **Configuration:** The windings are tightly coupled. In the CMS2-4-R, the "4" in the part number indicates a specific winding configuration or size ratio within the CMS series. ### C. Lead Frame/Terminals The "R" suffix indicates that the part is **RoHS compliant** (Lead-free). * **Plating:** Typically Tin-plated over Copper or Nickel to ensure high solderability on PCBs. --- ## 3. Circuit Application In an electronic circuit, the CMS2-4-R acts as a "gatekeeper." ### How it works: 1. **Differential Mode (Normal Signal):** Currents flow in opposite directions through the two windings. The magnetic fields cancel out, allowing the signal to pass with minimal resistance. 2. **Common Mode (Noise):** Noise currents flow in the same direction on both lines. The magnetic fields add up, creating high impedance that blocks the noise from reaching sensitive components. ### Common Uses: * **Switch Mode Power Supplies (SMPS):** Filtering input/output noise. * **DC-DC Converters:** Reducing ripple current. * **Data Lines:** Protecting signal integrity in industrial communication. --- ## 4. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **CMS:** Series Name (Common Mode Surface Mount). * **2:** Size/Style designation. * **4:** Performance code (Inductance/Current rating tier). * **-R:** RoHS Compliant.
    ✨ Follow-up Questions
    • ⤷ What is the difference between common mode and differential mode noise in this component?
    • ⤷ Are there through-hole equivalents for the CMS2-4-R?
    • ⤷ How does temperature affect the inductance of the ferrite core in this choke?