データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CMT2-6-R

  • AI
    The **CMT2-6-R** is a high-performance, surface-mount common mode choke manufactured by **Coiltronics (now a brand of Eaton)**. It is primarily used for EMI (Electromagnetic Interference) filtering and noise suppression in power electronics. --- ### 1. Technical Specifications The CMT2-6-R is part of the CMT series, known for its compact design and high reliability. | Parameter | Value / Range | | :--- | :--- | | **Inductance** | 6.0 mH (nominal) | | **Current Rating** | ~1.4 Amps (depending on temp rise) | | **DCR (Max)** | ~0.190 Ohms | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temperature** | -40°C to +125°C | | **Package/Case** | Horizontal Toroidal Core (Low Profile) | --- ### 2. Core Features & Functions The device operates based on the principles of magnetic induction to clean electrical signals: * **Common Mode Noise Suppression:** It provides high impedance to "common mode" noise (noise traveling in the same direction on both lines) while allowing "differential mode" signals (the desired current) to pass with minimal attenuation. * **Toroidal Geometry:** Uses a ring-shaped core which is highly efficient at containing magnetic flux, leading to lower EMI radiation to surrounding components. * **Sector Winding:** The windings are typically separated to reduce parasitic capacitance, which improves high-frequency performance. --- ### 3. Applications The CMT2-6-R is typically found in stages where AC/DC power is converted or where high-speed switching occurs. * **Switching Power Supplies (SMPS):** Used in the input filter stage to prevent noise from the power supply from entering the main AC line. * **Industrial Electronics:** Filtering noise in motor controllers and sensors. * **Telecommunications:** Protecting sensitive data lines from power line interference. * **DC-DC Converters:** Reducing ripple and noise in power distribution networks. --- ### 4. Circuit Implementation In a typical circuit, the CMT2-6-R is placed at the input of a power stage. ```markdown AC/DC Input (+) ----( Coil A )---- Rectifier/Load AC/DC Input (-) ----( Coil B )---- Rectifier/Load ^ (Common Mode Choke) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between CMT2-6-R and a standard differential inductor?
    • ⤷ How does the current rating affect the selection of this part in a power circuit?
    • ⤷ Are there through-hole alternatives to the CMT2 series?