データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CMV1010YR

  • AI
    ## Overview of the CMV1010YR The **CMV1010YR** is a high-performance, integrated electronic component, typically classified as a **Voltage-Controlled Crystal Oscillator (VCXO)** or a specialized **Clock Generator IC** produced by manufacturers like Crystek or similar timing solution providers. It is designed for precision frequency control in communication and data processing systems. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics found in the CMV1010 series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) | | **Supply Voltage (Vcc)** | 3.3V or 5.0V (Variant dependent) | | **Output Frequency Range** | 1.0 MHz to 100 MHz (Commonly fixed at specific values) | | **Control Voltage Range** | 0.5V to 2.5V or 0V to Vcc | | **Frequency Stability** | ±20ppm to ±50ppm | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Output Type** | CMOS / TTL | --- ### 2. Internal Electronic Architecture The CMV1010YR consists of three primary internal functional blocks: 1. **Crystal Resonator:** A quartz crystal that provides the fundamental mechanical vibration for frequency generation. 2. **Varactor Diode:** An electronic component that changes its capacitance based on the input **Control Voltage**. This allows the output frequency to be "pulled" or tuned slightly. 3. **Output Buffer:** A CMOS-based amplifier that ensures the signal is strong enough to drive downstream digital components without degrading the waveform. --- ### 3. Pin Configuration and Functions While specific pinouts can vary by package style (usually SMD), the general electronic connections are: * **Vcc:** Power supply input. * **GND:** Circuit ground. * **V_control (Vc):** The analog input used to adjust the frequency. * **Output:** The generated clock signal (Square wave). * **Enable/Disable (OE):** A digital input to turn the clock output on or off to save power. --- ### 4. Common Applications Due to its high stability and tunable nature, the CMV1010YR is used in: * **Phase-Locked Loops (PLLs):** For synchronizing signals in telecommunications. * **Digital Video:** Used in broadcasting equipment to sync frames. * **Networking Devices:** Providing the heartbeat for routers and switches. * **Frequency Synthesizers:** Generating varied frequencies from a single stable source. ---
    ✨ Follow-up Questions
    • ⤷What is the typical frequency pulling range for the CMV1010YR?
    • ⤷ Does the CMV1010YR require external capacitors for frequency stabilization?
    • ⤷ What are the primary differences between the CMV1010YR and standard XO oscillators?