データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CP152S

  • AI
    The **CP152S** is a common part number associated with a high-performance **Synchronous Buck (Step-Down) DC-DC Converter Controller**. It is frequently used in power management stages for automotive electronics, industrial power supplies, and telecommunications equipment. --- ### 1. Key Technical Specifications The CP152S is designed to convert a higher input voltage into a lower, stabilized output voltage with high efficiency. | Feature | Typical Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 30V (varies by manufacturer) | | **Output Voltage** | Adjustable (often down to 0.8V) | | **Switching Frequency** | Fixed or programmable (typically 300kHz - 600kHz) | | **Efficiency** | Up to 95% | | **Package Type** | SOP-8 or MSOP-10 (Surface Mount) | --- ### 2. Main Internal Components As an integrated circuit (IC), the CP152S contains several critical sub-circuits: 1. **PWM Controller:** Uses Pulse Width Modulation to regulate the output voltage by controlling the "on" time of external MOSFETs. 2. **Error Amplifier:** Compares the feedback voltage from the output against an internal reference voltage to ensure stability. 3. **Gate Drivers:** Internal circuitry designed to drive the gates of high-side and low-side N-channel MOSFETs. 4. **Protection Suite:** * **OCP:** Over-Current Protection. * **OVP:** Over-Voltage Protection. * **OTP:** Over-Temperature (Thermal) Shutdown. * **UVLO:** Under-Voltage Lock-Out (prevents the chip from operating at insufficient voltages). --- ### 3. Typical Application Circuit In a real-world electronic design, the CP152S requires a few external "passive" components to function: * **Inductor (L):** Stores energy during the switching cycle. * **Input/Output Capacitors (C):** Filters electrical noise and smooths the DC voltage. * **Feedback Resistors (R1, R2):** A voltage divider that "tells" the IC what the current output voltage is. * **Schottky Diode:** Used in non-synchronous configurations, though the "S" variant often supports synchronous rectification using a second MOSFET for higher efficiency. --- ### 4. Common Use Cases * **Automotive Dash Cams:** Converting 12V/24V car battery power to 5V. * **Networking Gear:** Powering CPUs and FPGAs in routers and switches. * **Battery Chargers:** Efficiently stepping down voltage for Li-ion charging circuits.
    ✨ Follow-up Questions
    • ⤷ What is the difference between synchronous and non-synchronous buck converters?
    • ⤷ How do I calculate the feedback resistor values for a specific output voltage?
    • ⤷ What are the pinout configurations for the CP152S SOP-8 package?