データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CP2N-R

  • AI
    The **CP2N-R** refers to a specific series of Programmable Logic Controllers (PLCs) within the Omron CP2 series (specifically the **CP2E-N** type units with **Relay** outputs). These are designed for compact machine control and IoT connectivity. --- ### 1. Key Internal Electronic Components The CP2N-R architecture consists of several critical hardware layers: | Component | Description | Function | | :--- | :--- | :--- | | **Microprocessor** | High-speed logic processor | Executes the user program (Ladder Logic) and manages I/O scanning. | | **Flash Memory** | Non-volatile storage | Stores the user program and parameter settings without requiring a battery. | | **Relay Outputs** | Mechanical Relays | The "R" in CP2N-R stands for Relay. These physical switches handle AC or DC loads. | | **Optocouplers** | Optical Isolators | Protects the internal CPU from external electrical surges on the input lines. | | **Ethernet Controller** | Dual-port switch | Manages Modbus/TCP and Ethernet/IP communication protocols. | --- ### 2. Hardware Interface & I/O Specifications The electronic interface is divided into functional blocks: #### A. Input Section (DC Inputs) * **Type:** 24V DC (Sinking or Sourcing). * **Speed:** Includes high-speed counters (up to 100 kHz) for encoder feedback. * **Filtering:** Hardware noise filters to prevent false triggering from EMI. #### B. Output Section (Relay) * **Switching Capacity:** Usually rated for 2A at 250V AC or 30V DC. * **Isolation:** Complete electrical isolation between the PLC internal circuit and the load. * **Life Expectancy:** Mechanical life of ~20 million operations; electrical life depends on the load. #### C. Communication Ports * **Built-in Ethernet:** Two ports acting as an Ethernet switch for daisy-chaining. * **Serial Options:** Supports RS-232C or RS-485 via option boards. --- ### 3. Power Supply Electronics The CP2N-R typically requires a **100-240V AC** or **24V DC** supply (depending on the specific sub-model). * **Internal Rectifier:** Converts AC to DC for internal logic. * **24V DC Output Service:** Most AC models provide a small 24V DC output terminal to power sensors. --- ### 4. Comparison: Relay vs. Transistor Since the **CP2N-R** uses Relays, it differs electronically from the **CP2N-S** (Transistor) units: | Feature | Relay (CP2N-R) | Transistor (CP2N-S) | | :--- | :--- | :--- | | **Voltage Type** | AC or DC | DC Only | | **Switching Speed** | Slow (ms range) | Very Fast (μs range) | | **Durability** | Limited by mechanical wear | Virtually unlimited | | **Common Use** | Motor starters, Solenoids | PWM, Servo pulse control | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between sinking and sourcing inputs on the CP2N?
    • ⤷ How many high-speed counters does the CP2E-N series support?
    • ⤷ Can the CP2N-R output be used for high-frequency PWM control?