データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CPB3626-R

  • AI
    The **CPB3626-R** is a specific model of an **AC-DC Industrial Power Supply (Chassis Mount)**, commonly manufactured by companies like *CUI Inc.* It is designed to provide stable DC power for electronic systems requiring high reliability. --- ## 1. Core Specifications The electrical characteristics of the CPB3626-R define its capacity to power sensitive electronic components. | Parameter | Value / Range | | :--- | :--- | | **Input Voltage** | 90 ~ 264 VAC (Universal Input) | | **Output Voltage** | 12V DC (Standard configuration) | | **Output Power** | ~36W Nominal | | **Output Current** | 3.0A | | **Efficiency** | ~85% - 88% | | **Mounting Type** | Chassis Mount (Open Frame style) | --- ## 2. Key Electronic Components & Subsystems To understand the "electronic parts" of this unit, we look at the internal circuit architecture typical for this series: ### A. Input Filter & Rectification * **Bridge Rectifier:** Converts incoming AC to pulsating DC. * **EMI/RFI Filter:** Includes X and Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the power grid. * **Thermistor (NTC):** Protects the board from high inrush currents when first plugged in. ### B. Switching Stage (PWM) * **MOSFET:** Acts as the high-speed switch that "chops" the DC voltage at high frequencies (usually 65kHz to 100kHz). * **PWM Controller IC:** The "brain" that regulates the duty cycle of the MOSFET to maintain a steady output voltage regardless of input fluctuations. ### C. Power Transformer * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous high-voltage AC side and the safe DC output side. It steps down the voltage using ferrite cores. ### D. Output Rectification & Filtering * **Schottky Diodes:** Used for high-speed rectification on the output side. * **Electrolytic Capacitors:** Low-ESR capacitors that smooth the "ripple" to provide clean DC power. * **Optocoupler:** An infrared LED/transistor pair that sends feedback from the output back to the PWM controller to adjust voltage, ensuring the output stays exactly at 12V. --- ## 3. Protection Features The electronic design includes dedicated circuitry to prevent failure: 1. **Over Voltage Protection (OVP):** Shuts down the unit if the output exceeds a safe limit (usually 110-140% of nominal). 2. **Short Circuit Protection (SCP):** Automatically recovers once the short is removed. 3. **Over Current Protection (OCP):** Limits current to prevent the MOSFET and Transformer from overheating. --- ## 4. Typical Applications Because of its chassis-mount design and high efficiency, it is found in: * Industrial automation control panels. * Internal power for telecommunications equipment. * Security systems (CCTV power distribution).
    ✨ Follow-up Questions
    • ⤷ What are the mechanical dimensions and mounting patterns for the CPB3626-R?
    • ⤷ How does the efficiency of this model compare to modern GaN-based power supplies?
    • ⤷ What is the operating temperature range and derating curve for this specific unit?