データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CRE2512-R004

  • AI
    The **CRE2512-R004** is a high-power, low-ohmic metal strip sense resistor commonly used for current sensing applications. It is part of the CRE series manufactured by Bourns (though other manufacturers produce similar 2512 metal plate resistors). --- ### 1. Key Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Case Size** | 2512 (6432 Metric) | 6.4 mm x 3.2 mm footprint | | **Resistance Value** | 0.004 $\Omega$ (4 m$\Omega$) | Ultra-low resistance to minimize power loss | | **Power Rating** | 2W to 3W | Depends on the specific series/thermal design | | **Tolerance** | $\pm1\%$ or $\pm5\%$ | Usually 1% for precision sensing | | **Technology** | Metal Strip / Metal Plate | Provides high stability and high current handling | | **TCR** | $\pm75$ ppm/°C | Low Temperature Coefficient of Resistance | --- ### 2. Physical Construction The "R004" indicates that the resistive element is a solid piece of metal alloy (often Manganese-Copper or Nickel-Chrome) rather than a thick film paste. * **Durability:** The metal strip construction allows it to handle high surge currents without burning out. * **Heat Dissipation:** The 2512 package size provides a large surface area for soldering, which acts as a heat sink to the PCB copper traces. --- ### 3. Deciphering the Part Number (Typical) Using the Bourns standard as an example: 1. **CRE**: Series name (Current Sense Resistor, Metal Strip). 2. **2512**: Package size (inches). 3. **R004**: Resistance value. The 'R' acts as a decimal point ($0.004$ Ohms). --- ### 4. Common Applications Because this component measures the voltage drop across a very small resistance ($V = I \times R$), it is found in: * **Battery Management Systems (BMS):** Monitoring charge/discharge current. * **DC-DC Converters:** Providing feedback for current-mode control. * **Motor Control:** Detecting over-current conditions or phase currents. * **Power Supplies:** Load monitoring in high-wattage units. --- ### 5. Design Considerations * **Kelvin Connection:** When using a 4 m$\Omega$ resistor, the resistance of the PCB traces themselves can introduce errors. It is recommended to use "Kelvin" (4-wire) sensing layout techniques. * **Thermal Management:** At 3W, this part gets very hot. Ensure large copper planes are connected to the pads to wick heat away.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the voltage drop across this resistor at 10 Amps?
    • ⤷ What is the difference between a metal strip and a thick film resistor?
    • ⤷ Why is a Kelvin connection recommended for R004 resistors?