データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CS-300-CFF-R4D2M2

  • AI
    The **CS-300-CFF-R4D2M2** is a specific configuration of a high-performance network switch or storage server component, typically associated with the **Cisco** or **Check Point** hardware ecosystems (specifically the Quantum or Firepower series). The model name is a structured string representing its hardware capabilities and internal architecture. ### 1. Model Breakdown The suffixing and configuration codes represent the electronic build-out of the unit: | Code Segment | Component Type | Electronic Specification | | :--- | :--- | :--- | | **CS-300** | Chassis/Base Model | Indicates the 300-series platform power and throughput capacity. | | **CFF** | Form Factor | Compact/Custom Form Factor; refers to the physical PCB and cooling layout. | | **R4** | RAM (Memory) | Typically signifies **4 sticks** of Registered ECC DDR4 RAM. | | **D2** | Disk/Storage | Indicates **2 Drive** bays (often SSDs or NVMe for high IOPS). | | **M2** | Management/Module | Refers to the **Generation 2** Management chip or an M.2 boot drive. | --- ### 2. Key Electronic Systems #### A. Processing Unit (CPU) This device usually houses a multi-core **Intel Xeon** or **AMD EPYC** processor designed for high-frequency packet inspection. The electronic circuitry includes a complex VRM (Voltage Regulator Module) to manage stable power delivery to the high-TDP processor. #### B. Memory Architecture * **Type:** DDR4 or DDR5 ECC (Error Correction Code) memory. * **Electronic Function:** The ECC circuitry detects and fixes single-bit memory errors, which is critical for preventing system crashes in 24/7 data center environments. #### C. Networking Interconnects The "R4D2" configuration suggests high-density I/O. The electronics include: * **ASICs (Application-Specific Integrated Circuits):** Offloads network traffic from the CPU to hardware-level switching. * **SFP+/QSFP Ports:** High-speed optical transceivers for 10G/40G/100G connectivity. #### D. Power and Thermal Management * **Dual Power Supplies:** Usually supports hot-swappable AC/DC power modules for redundancy. * **EEPROM:** Stores hardware identity and configuration data that the BIOS/Firmware reads during the POST (Power-On Self-Test) sequence. --- ### 3. Hardware Specifications Table | Feature | Specification Details | | :--- | :--- | | **Voltage Input** | 100V - 240V AC (Redundant) | | **Storage Interface** | SATA III or NVMe (M.2) | | **Expansion Slots** | PCIe Gen 4 / Gen 5 Support | | **Cooling** | N+1 Redundant Fan Trays |
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the CS-300 series?
    • ⤷ Can the RAM in the R4 configuration be upgraded to R8?
    • ⤷ Which operating system or firmware is compatible with this hardware?