データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CS-300-CFF-R4D2T4

  • AI
    The **CS-300-CFF-R4D2T4** is a high-performance power supply unit (PSU) typically manufactured by **Chicony Power Technology** or distributed by OEMs like **Lenovo** (often found in ThinkStation or specialized server builds). Based on the nomenclature and technical specifications of this series, here is the breakdown of its electronic components and architecture. ### 1. Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Form Factor** | CFF (Common Form Factor) / Slim OCP style | | **Wattage** | 300W | | **Efficiency Rating** | 80 PLUS Platinum (typically >92% efficiency) | | **Input Voltage** | 100V - 240V AC (Auto-ranging) | | **Output Rails** | Single +12V main rail architecture | | **Redundancy** | Supported in 1+1 configurations | --- ### 2. Key Electronic Components The "R4D2T4" suffix refers to specific internal revisions and connector layouts. The unit comprises several critical electronic stages: #### A. Input Stage (EMI/Transient Filtering) * **X and Y Capacitors:** Used for Differential Mode and Common Mode noise suppression to comply with EMC standards. * **Metal Oxide Varistors (MOV):** Protects the internal circuitry from high-voltage spikes/surges from the AC mains. * **Bridge Rectifier:** Converts the incoming AC voltage into a pulsating DC voltage. #### B. Active Power Factor Correction (PFC) * **PFC Controller IC:** Optimizes the power factor to near 0.99, reducing reactive power loss. * **High-Voltage Bulk Capacitor:** Usually rated for 420V or 450V, acting as a reservoir to maintain steady DC voltage even during brief AC brownouts (Hold-up time). #### C. DC-DC Conversion & Regulation * **Resonant LLC Converter:** High-efficiency switching topology that reduces "switching losses" by utilizing Zero Voltage Switching (ZVS). * **Secondary Synchronous Rectification:** Uses MOSFETs instead of diodes on the 12V output side to significantly reduce heat and improve efficiency. * **DC-to-DC VRMs:** Since the unit is a +12V focused design, small Voltage Regulator Modules (VRMs) on the secondary side convert 12V down to 5V and 3.3V if required by the specific backplane. --- ### 3. Protection Circuitry (IC Level) The unit features a dedicated Supervisor IC to monitor the health of the power supply. * **OVP / UVP:** Over-Voltage and Under-Voltage Protection. * **OCP:** Over-Current Protection (monitors the amperage on the 12V rail). * **OTP:** Over-Temperature Protection via internal thermistors. * **SCP:** Short-Circuit Protection. --- ### 4. Connector and Management Interface * **PMBus 1.2:** This model supports the Power Management Bus protocol over the gold-finger connector, allowing the server OS to monitor real-time power consumption, fan speed, and temperature. * **Hot-Swap Interface:** The "CFF" standard uses a card-edge connector (Gold-fingers) rather than traditional cables, allowing for tool-less replacement while the system is running. ---
    ✨ Follow-up Questions
    • ⤷What are the pinout specifications for the CFF gold-finger connector?
    • ⤷ Does this PSU support N+1 redundancy in Lenovo ThinkStation systems?
    • ⤷ What is the MTBF (Mean Time Between Failures) for this specific model?