データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CS-R

  • AI
    The term **CS-R** typically refers to automotive specifications (like the Toyota GT86 CS-R3 rally car) or high-performance cycling components (like Shimano CS-R series cassettes). However, in the context of **electronic parts**, it most frequently refers to **Current Sense Resistors** or specific series of **Chip Resistors**. Below is an explanation of the electronic components associated with the "CS-R" designation, focusing on Current Sense Resistors. --- ## 1. What is a CS-R (Current Sense Resistor)? A Current Sense Resistor is a high-precision component used to measure the flow of current in a circuit by monitoring the voltage drop across it. This is based on **Ohm’s Law** ($V = I \times R$). ### Key Characteristics | Feature | Description | | :--- | :--- | | **Low Resistance** | Usually in the milliohm ($m\Omega$) range to minimize power loss. | | **High Precision** | Often features tolerances as low as 0.5% or 1%. | | **Power Rating** | Designed to handle higher wattage compared to standard signal resistors. | | **Temperature Stability** | Low Temperature Coefficient of Resistance (TCR) to ensure accuracy as the part heats up. | --- ## 2. Technical Specifications of CS-R Series Manufacturers like **KOA Speer**, **Samsung**, and **Viking** use "CS" or "CSR" prefixes for their current sensing lines. ### Common Parameters * **Resistance Range:** $1m\Omega$ to $1\Omega$. * **Case Sizes:** Standard EIA sizes such as 0402, 0603, 0805, 1206, and 2512. * **Construction:** * *Metal Foil:* For ultra-low resistance and high stability. * *Thick Film:* For cost-effective current sensing in non-critical applications. --- ## 3. Applications in Electronic Systems CS-R components are critical in power management modules. 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion batteries. 2. **Motor Control:** Detecting stalls or over-current conditions in DC motors. 3. **DC-DC Converters:** Providing feedback loops to regulate output voltage based on load current. 4. **Over-current Protection:** Acting as a sensor for "fuse-like" safety circuits that shut down the system if current exceeds safe limits. --- ## 4. Example Part Number Breakdown While naming conventions vary by brand, a typical CS-R part number follows this logic: `CSR - 1206 - F - R010` * **CSR:** Series Name (Current Sense Resistor). * **1206:** Package Size ($3.2 \times 1.6 mm$). * **F:** Tolerance ($F = \pm 1\%$). * **R010:** Resistance Value ($R010 = 0.010\Omega$ or $10m\Omega$). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between thick film and metal foil CS-R resistors?
    • ⤷ How do you calculate the power dissipation for a CS-R in a 5A circuit?
    • ⤷ Which manufacturers are the industry leaders for CS-R electronic components?