データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CS209

  • AI
    Based on the context of common electronics and sensor modules, **CS209** (specifically the **CS209A**) is a specialized monolithic integrated circuit designed for **metal detection** and **proximity sensing**. Below is a detailed breakdown of the electronic components and characteristics of this part. --- ### 1. Functional Overview The CS209A acts as an oscillator-based metal detector. It detects the presence of metal objects by sensing the change in the magnetic field of an external LC (Inductor-Capacitor) tank circuit. | Feature | Description | | :--- | :--- | | **Primary Function** | Metal Proximity Sensor / Inductive Detector | | **Operating Voltage** | Typically 4V to 20V | | **Output Type** | Open Collector (suitable for driving relays or LEDs) | | **Sensitivity** | Adjustable via an external resistor | | **Package Type** | 8-pin DIP or SOIC | --- ### 2. Internal Electronic Architecture The chip contains several key internal blocks that work together to process signals: * **Oscillator Block:** Maintains a stable oscillation in an external LC circuit. * **Demodulator:** Converts the high-frequency oscillation into a DC level. * **Level Detector:** Compares the DC level against a reference to determine if metal is close enough. * **Output Stage:** An open-collector transistor that can sink current (turn on) when metal is detected. --- ### 3. Essential External Components To make the CS209 work, you must connect specific external electronic parts: | Component | Purpose | | :--- | :--- | | **Inductor (L)** | The "search coil" that senses the metal. | | **Capacitor (C)** | Pairs with the inductor to set the resonant frequency. | | **Potentiometer** | Connected to the "Gain" pins to adjust detection distance. | | **Bypass Capacitor** | Usually 0.1µF to stabilize the power supply. | --- ### 4. Basic Wiring Diagram (Conceptual) ```cpp // Typical Pin Configuration for CS209A Pin 1: Vcc (Power Supply) Pin 2: Output (Open Collector) Pin 3: Ground Pin 4: Feedback (from LC Tank) Pin 5: Tank (Connect to LC circuit) Pin 6: Gain (Sensitivity Adjustment) Pin 7: Gain (Sensitivity Adjustment) Pin 8: Regulated Voltage Output ``` --- ### 5. Common Applications * **Industrial Automation:** Counting metal parts on a conveyor belt. * **Security:** Handheld metal detector wands. * **Consumer Electronics:** Non-contact limit switches for 3D printers or CNC machines.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for a CS209A circuit?
    • ⤷ How do you calculate the resonant frequency for the LC tank in this chip?
    • ⤷ What are the modern alternatives to the CS209 for metal detection?