CS30D
AI

The **CS30D** is a specific model of an **active electromagnetic buzzer**. It is a common electronic component used to generate sound in devices ranging from household appliances to industrial alarms.
---
### 1. Technical Specifications
The CS30D typically follows these electrical parameters:
| Parameter | Value (Typical) |
| :--- | :--- |
| **Operating Voltage** | 3V - 24V DC (Model dependent) |
| **Rated Current** | < 30mA |
| **Sound Pressure Level** | 80dB - 95dB @ 10cm |
| **Resonant Frequency** | 2300Hz ± 500Hz |
| **Drive Type** | Active (Internal Circuitry included) |
| **Operating Temperature** | -20°C to +70°C |
---
### 2. Internal Electronic Structure
The CS30D consists of four primary internal parts that allow it to function:
1. **Oscillator Circuit:** Unlike passive buzzers, the CS30D has a built-in transistor-based oscillator. This means you only need to apply a DC voltage to make it sound; it does not require an external PWM signal.
2. **Electromagnetic Coil:** A wire coil wrapped around a metal core. When electricity flows through it, it creates a magnetic field.
3. **Vibrating Diaphragm:** A thin metal disc (usually iron or steel) held over the coil. The magnetic field pulls and releases this disc rapidly.
4. **Plastic Housing:** Designed as an acoustic chamber to amplify the sound waves produced by the diaphragm.
---
### 3. Pinout and Connection
The device usually features two pins of different lengths for easy identification:
* **Long Leg (+):** Positive terminal (Anode). Connect to the VCC or a GPIO pin through a transistor.
* **Short Leg (-):** Negative terminal (Cathode/Ground).
---
### 4. Implementation Example
Because the CS30D draws more current than a standard microcontroller pin can safely provide (usually >20mA), it is best used with a transistor switch.
```cpp
// Simple Arduino structure to trigger a CS30D
int buzzerPin = 9; // Connected to the base of a transistor
void setup() {
pinMode(buzzerPin, OUTPUT);
}
void loop() {
digitalWrite(buzzerPin, HIGH); // Sound ON
delay(1000);
digitalWrite(buzzerPin, LOW); // Sound OFF
delay(1000);
}
```
---
- ⤷What is the difference between an active buzzer like the CS30D and a passive buzzer?
- ⤷ Can I use PWM to change the pitch of a CS30D buzzer?
- ⤷ What is the maximum voltage a CS30D can handle safely?