データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CS321613-R27K

  • AI
    ### Technical Overview: CS321613-R27K The **CS321613-R27K** is a Multilayer Chip Inductor designed for high-frequency circuit applications. It is part of the "CS" series, which typically signifies a ceramic-based multilayer construction, allowing for high stability and reliability in a compact surface-mount package. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CS** | Series | Multilayer Chip Inductor (Ceramic Type) | | **3216** | Size (Metric) | 3.2mm x 1.6mm (Equivalent to **1206** Imperial size) | | **13** | Thickness | Approximately 1.3mm | | **R27** | Inductance | **0.27 µH** (R acts as a decimal point) | | **K** | Tolerance | **±10%** | --- ### 2. Key Specifications The following table highlights the typical electrical parameters for this specific component: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.27 µH | | **Tolerance** | ±10% | | **Test Frequency** | 25 MHz | | **Q Factor (Min)** | 15 - 30 (Frequency dependent) | | **Self-Resonant Frequency (SRF)** | ~250 MHz (Minimum) | | **DC Resistance (DCR)** | ~0.45 Ω (Maximum) | | **Rated Current** | ~300 mA | | **Operating Temp Range** | -55°C to +125°C | --- ### 3. Construction and Material * **Body Material:** High-frequency ceramic material which provides excellent Q (Quality) factors and stability across temperature shifts. * **Internal Electrode:** Usually Silver (Ag) or Palladium-Silver (Ag-Pd) printed in a spiral layer pattern. * **Termination:** Multi-layered plating (typically Nickel over Silver, finished with Tin) to prevent "leaching" during soldering and ensure excellent solderability. --- ### 4. Common Applications Due to its 0.27 µH value and 1206 form factor, it is commonly used in: 1. **RF Circuits:** Matching networks and resonance circuits in wireless communication. 2. **EMI Suppression:** Filtering high-frequency noise in signal lines. 3. **General Decoupling:** Preventing high-frequency interference between different stages of a PCB. 4. **Mobile Electronics:** Used in smartphones and tablets where space is a premium but high-frequency performance is required. --- ### 5. Footprint (Dimensions) | Dimension | Millimeters (mm) | | :--- | :--- | | **Length (L)** | 3.2 ± 0.2 | | **Width (W)** | 1.6 ± 0.2 | | **Thickness (T)** | 1.1 ± 0.2 |
    ✨ Follow-up Questions
    • ⤷ What is the difference between this ceramic inductor and a ferrite bead in a circuit?
    • ⤷ How does the Q factor impact the performance of this inductor in RF applications?
    • ⤷ Are there smaller package alternatives for a 0.27 uH inductor?