データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CS5302

  • AI
    The **CS5302** is a high-performance integrated circuit manufactured by Cirrus Logic. It is primarily a **stereo Analog-to-Digital Converter (ADC)** designed for professional and high-end consumer audio systems. Below is a detailed breakdown of its electronic characteristics and components. --- ### 1. Core Technical Specifications The CS5302 is known for its high dynamic range and low distortion. | Feature | Specification | | :--- | :--- | | **Resolution** | 24-bit | | **Dynamic Range** | 107 dB | | **THD+N** | -94 dB (approx. 0.002%) | | **Sample Rates** | up to 96 kHz | | **Input Type** | Differential (Balanced) | | **Interface** | Serial Audio Port (I²S, Left-Justified) | --- ### 2. Key Internal Electronic Blocks The chip architecture is divided into several critical stages to ensure signal integrity: 1. **Analog Front-End:** Uses a differential input structure to reject common-mode noise. 2. **Delta-Sigma ($\Delta\Sigma$) Modulator:** A 5th-order multi-bit modulator that oversamples the audio signal to push quantization noise into higher, inaudible frequencies. 3. **Digital Decimation Filter:** This block removes the high-frequency noise and reduces the data rate to the selected sampling frequency (e.g., 44.1kHz or 96kHz). 4. **Voltage Reference:** Includes an internal reference, though it typically requires an external decoupling capacitor for stability. --- ### 3. Pinout and Connectivity Categories The electronic pins of the CS5302 can be categorized into three functional groups: #### A. Power Supply * **VA:** Analog Power (usually +5V). * **VD:** Digital Power (usually +3.3V or +5V). * **AGND/DGND:** Separate Analog and Digital grounds to prevent digital switching noise from bleeding into the audio signal. #### B. Analog Inputs * **AINL+/- & AINR+/-:** Positive and negative differential inputs for the Left and Right channels. #### C. Digital Interface (Serial Port) * **SCLK:** Serial Clock. * **LRCK:** Left/Right Clock (defines the sample rate). * **SDOUT:** Serial Data Output (the 24-bit digital stream). --- ### 4. Application Circuit Requirements To function correctly, the CS5302 requires specific external electronic components: ```c // Example of a typical Hardware Setup: 1. Low-ESR Decoupling Capacitors: 0.1uF and 10uF placed near VA and VD pins. 2. Anti-aliasing Filter: A simple RC network at the analog inputs to limit bandwidth. 3. Master Clock (MCLK): An external stable crystal oscillator is required to drive the internal logic. ``` --- ### 5. Common Use Cases * Digital Audio Mixing Consoles. * High-end Sound Cards and Audio Interfaces. * Effects Processors. * DVD-Audio Recorders.
    ✨ Follow-up Questions
    • What are the differences between the CS5302 and the newer CS5340?
    • How do I calculate the anti-aliasing filter values for this chip?
    • Can the CS5302 operate in Master Mode or is it Slave only?