データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CS8317

  • AI
    The **CS8317** is a specialized electronic component primarily designed for high-power, high-efficiency audio amplification. It is a Mono Class R audio power amplifier that integrates a synchronous boost converter. ### 1. Key Specifications Below are the primary technical parameters for the CS8317: | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | Class R (Class D with Integrated Boost) | | **Output Power** | Up to 12W (into 4Ω load at 7.4V) | | **Supply Voltage Range** | 2.5V to 9.0V | | **Efficiency** | > 85% | | **Quiescent Current** | ~5mA | | **Shutdown Current** | < 1μA | | **Package Type** | TSSOP20L-PP | --- ### 2. Functional Core Parts The CS8317 consists of several critical internal sub-systems: #### A. Integrated Synchronous Boost Converter Unlike standard Class D amplifiers that rely on the battery voltage, the CS8317 boosts the input voltage (e.g., from a single-cell Li-ion battery) to a higher internal rail. This allows for significantly higher output power than the battery could provide directly. #### B. Class R Modulation Class R is a variation of Class D. It employs a "Smart Boost" strategy where the boost converter only activates or increases voltage when the audio signal demands high power. This minimizes switching losses during low-volume playback, extending battery life. #### C. Protection Circuitry The chip includes several layers of hardware protection: * **Over-Current Protection (OCP):** Prevents damage during output shorts. * **Over-Temperature Protection (OTP):** Shuts down the device if the junction temperature exceeds limits. * **Under-Voltage Lockout (UVLO):** Prevents erratic behavior when battery levels are too low. --- ### 3. Pinout Configuration (Common) The CS8317 typically uses a 20-pin layout. Key pins include: | Pin Name | Function | | :--- | :--- | | **VIN** | Power supply input (Battery) | | **SW** | Switching node for the internal boost inductor | | **VOUT** | Boosted voltage output/supply for the amp stage | | **IN+ / IN-** | Differential audio inputs | | **OUT+ / OUT-** | BTL (Bridge-Tied Load) audio outputs to the speaker | | **CTRL** | Mode selection (Standard vs. Enhanced Boost) | | **SD** | Shutdown / Enable pin | --- ### 4. Typical Application Circuit In a standard design, the CS8317 requires only a few external components: 1. **Inductor (L1):** Usually 2.2µH to 4.7µH for the boost converter. 2. **Schottky Diode:** (Optional/Internal) for the boost stage. 3. **Capacitors:** High-value bypass capacitors on VIN and VOUT to stabilize the power rails.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Class R and standard Class D amplifiers in terms of power consumption?
    • ⤷ What is the recommended inductor value and current rating for the CS8317 boost circuit?
    • ⤷ Can the CS8317 drive a 2-ohm load safely?