データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CS902-A-R

  • AI
    ## Overview of the CS902-A-R The **CS902-A-R** is a high-performance, long-range **RFID (Radio Frequency Identification) Antenna**. It is specifically designed for industrial environments where ruggedness and high circular polarization are required to read tags in various orientations. --- ### Key Electronic Specifications The following table summarizes the primary electronic characteristics of the CS902-A-R: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 902 - 928 MHz (FCC / US Band) | | **Gain** | 8.5 dBic (Circular) | | **Polarization** | Right Hand Circularly Polarized (RHCP) | | **Beamwidth (3dB)** | 65° (Vertical and Horizontal) | | **Axial Ratio** | < 2.0 dB | | **Front to Back Ratio** | > 20 dB | | **VSWR** | < 1.3:1 | | **Input Impedance** | 50 Ohms | | **Max Power Input** | 10 Watts | | **Connector Type** | SMA Female (Standard) | --- ### Internal Electronic Components & Design #### 1. Microstrip Patch Element The core of the antenna is a microstrip patch. This is a thin metallic sheet mounted over a wider ground plane. The geometry of this patch determines the resonant frequency (902-928 MHz) and the circular polarization. #### 2. Circular Polarization (RHCP) The "R" in the model name often denotes **Right Hand Circular Polarization**. - **Benefit:** Unlike linear antennas, circular antennas can read RFID tags regardless of their orientation (vertical or horizontal), making them ideal for moving conveyor belts or warehouse portals. #### 3. Impedance Matching Network Inside the casing, there is a matching circuit that ensures the input impedance stays at **50 Ohms**. This minimizes signal reflection (low VSWR), ensuring that the maximum amount of power from the RFID reader is radiated into the air. #### 4. Ground Plane A high-quality metallic ground plane is integrated behind the patch element. This helps focus the energy forward, providing the **8.5 dBic gain** and preventing interference from the mounting surface. --- ### Physical and Environmental Build Because these are used in industrial settings, the electronics are protected by: * **Radome Material:** High-impact UV-resistant ABS or Polycarbonate. * **IP Rating:** Typically **IP67**, meaning the internal electronic parts are completely protected against dust and temporary immersion in water. * **Operating Temperature:** -20°C to +55°C. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between LHCP and RHCP for this antenna model?
    • ⤷ How does the 8.5 dBic gain affect the total read range?
    • ⤷ Which RFID readers are most compatible with the CS902-A-R?