データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CSD882

  • AI
    The **CSD882** (specifically the **2SD882**, often abbreviated as D882) is a popular NPN Medium Power Silicon Transistor. It is widely used in voltage regulation, relay driving, and power switching due to its high current capacity and low saturation voltage. ### 1. Key Technical Specifications The D882 is known for its ability to handle significant current relative to its compact size. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Type** | - | NPN | - | | **Collector-Emitter Voltage** | $V_{CEO}$ | 30 | V | | **Collector-Base Voltage** | $V_{CBO}$ | 40 | V | | **Collector Current (DC)** | $I_C$ | 3 | A | | **Collector Current (Peak)** | $I_{CP}$ | 7 | A | | **Power Dissipation** | $P_{tot}$ | 1.25 (without heatsink) | W | | **DC Current Gain** | $h_{FE}$ | 60 to 400 | - | --- ### 2. Pin Configuration The D882 is typically found in the **TO-126** package (a small, flat plastic package with a hole for a screw-on heatsink). | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **Emitter** | Current exits here | | 2 | **Collector** | Connected to the load | | 3 | **Base** | Controls the transistor (Trigger) | --- ### 3. Core Features & Advantages * **High Current Handling:** Unlike standard small-signal transistors (like the BC547), the D882 can handle up to **3 Amps**, making it suitable for driving motors and large LED arrays. * **Low Saturation Voltage:** It has a low $V_{CE(sat)}$, meaning it loses very little energy as heat when fully turned on. * **Complementary Pair:** Its PNP counterpart is the **2SB772**. These are often used together in Push-Pull amplifier circuits. --- ### 4. Common Applications 1. **Voltage Regulators:** Used in DC-DC converters to maintain steady output. 2. **Relay Drivers:** Because it can handle high current, it can easily trigger heavy-duty relays or solenoids. 3. **Audio Amplifiers:** Used in the output stage of low-power audio systems. 4. **Motor Controllers:** Controlling the speed or ON/OFF state of small DC motors. --- ### 5. Practical Implementation Tip When using the D882 at currents above 1A, it is highly recommended to attach a **heatsink**. Although the transistor can handle 3A, the internal heat generated can cause thermal runaway or failure if not dissipated through the metal tab of the TO-126 package.
    ✨ Follow-up Questions
    • What is the difference between the 2SD882 and the 2SB772?
    • Can I use a D882 to drive a 12V motor from an Arduino?
    • What are the common SMD equivalents for the D882?