データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CSEB0730-R30M

  • AI
    The **CSEB0730-R30M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules. This specific part belongs to a class of "Molded Power Inductors," known for their compact size and high efficiency. --- ## 1. Technical Specifications The part number provides specific details about its physical and electrical properties. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.30 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Size Code** | 0730 (approx. 7.3 x 6.6 x 3.0 mm) | | **Material** | Metal Alloy Powder (Molded) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Features The CSEB0730 series is designed for high-performance electronics. ### A. Magnetic Shielding The inductor is constructed using a molded metal powder technique. This provides a self-shielded structure, which drastically reduces **Electromagnetic Interference (EMI)** and prevents the magnetic field from affecting nearby components. ### B. High Current Handling Because it uses a metal alloy core rather than traditional ferrite, it features a **soft saturation** characteristic. This means the inductance drops gradually as current increases, rather than dropping off suddenly, allowing it to handle high peak currents. ### C. Low DCR (Direct Current Resistance) The internal windings are optimized to have very low resistance. This minimizes power loss through heat, making it ideal for battery-powered devices where efficiency is critical. --- ## 3. Common Applications Due to its 0.30 µH value and high current rating, it is typically found in: * **Voltage Regulator Modules (VRMs):** Used in laptops and servers. * **GPU/CPU Power Supplies:** To handle rapid changes in current demand. * **DC-DC Converters:** Point-of-load (POL) converters. * **Automotive Electronics:** Infotainment and driver assistance systems. --- ## 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **CSEB** | Series/Manufacturer Designator (Molded Type) | | **0730** | Physical Dimensions (7.3mm length, 3.0mm height) | | **R30** | Inductance value (R represents the decimal: 0.30) | | **M** | Tolerance (M = ±20%) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the CSEB0730-R30M?
    • ⤷ How does a molded inductor differ from a wire-wound ferrite inductor?
    • ⤷ What are the recommended soldering profiles for this SMD component?