データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CSHB0415-R68M

  • AI
    ## Technical Analysis of CSHB0415-R68M The **CSHB0415-R68M** is a high-current, surface-mount (SMD) power inductor. These components are critical in modern electronics for energy storage and filtering in power conversion circuits. --- ### 1. Component Specifications Based on the standard naming conventions for this series (often manufactured by companies like Chilisin or similar high-current inductor specialists), here are the technical parameters: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.68 µH | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 0415 (approx. 4.0 x 4.0 x 1.5 mm) | | **Construction** | Shielded Molded Body (Metal Alloy) | | **DC Resistance (DCR)** | Typ. 10–15 mΩ (Low resistance for efficiency) | | **Saturation Current ($I_{sat}$)** | High (typically 7A to 12A depending on temp rise) | --- ### 2. Breakdown of the Part Number The alphanumeric code follows a specific logic: * **CSHB**: Series prefix (typically High-Current, Shielded, Low Profile). * **0415**: Physical dimensions. "04" represents the length/width (~4mm) and "15" represents the height (1.5mm). * **R68**: The inductance value. "R" acts as a decimal point. **R68 = 0.68 µH**. * **M**: The tolerance code. **M = ±20%**. --- ### 3. Key Features * **Magnetic Shielding**: The molded construction uses a magnetic metal alloy powder. This minimizes Electromagnetic Interference (EMI) and prevents the magnetic field from affecting nearby components. * **High Saturation**: Unlike traditional ferrite inductors, these molded types have a "soft" saturation characteristic, meaning the inductance drops gradually rather than abruptly as current increases. * **Low DCR**: Designed with thick copper wire to minimize power loss through heat (Joule heating). --- ### 4. Typical Applications This component is commonly found in the following circuits: 1. **DC-DC Converters**: Used in Buck or Boost converters for voltage regulation. 2. **Laptops/Tablets**: Ideal for CPU and GPU power rails due to the low profile (1.5mm). 3. **Telecom Equipment**: Used in distributed power systems where space is limited. 4. **Automotive Electronics**: High-reliability versions are used for infotainment and ADAS modules. --- ### 5. Equivalent/Substitute Types If you are sourcing this part, look for "Molded Power Inductors" in 4040 (metric) or 0415 sizes from these series: * **Vishay**: IHLP series. * **Bourns**: SRP series. * **TDK**: SPM series.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the CSHB series?
    • ⤷ How does R68 compare to a 1R0 inductor in terms of current handling?
    • ⤷ What are the recommended soldering profiles for this SMD inductor?