CSHB0530R-R33M
AI

The **CSHB0530R-R33M** is a high-performance, surface-mount (SMD) power inductor. It is typically designed for high-current applications where efficiency and low power loss are critical.
---
### 1. Technical Specifications Table
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Power Inductor (Shielded) |
| **Inductance** | 0.33 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Size** | 0530 (Approx. 5.0 x 5.0 x 3.0 mm) |
| **Saturation Current** | High (Typically 15A - 25A depending on manufacturer) |
| **DC Resistance (DCR)** | Ultra-low (Typically 2-5 mΩ) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific physical and electrical properties:
* **CSHB**: Series name (typically denotes a High-Current, Shielded, Composite Body inductor).
* **0530**: Dimensions. `05` refers to length/width (~5mm) and `30` refers to height (~3.0mm).
* **R**: Often denotes the packaging style (Tape & Reel) or a specific core material.
* **R33**: The Inductance value. The "R" acts as a decimal point. **R33 = 0.33 µH**.
* **M**: Tolerance code. **M = ±20%**.
---
### 3. Key Features & Construction
1. **Magnetic Shielding**: These inductors are usually molded from a metallic magnetic powder (like Carbonyl Iron). This results in a shielded structure that minimizes EMI (Electromagnetic Interference) and prevents the magnetic field from affecting nearby components.
2. **Soft Saturation**: Unlike traditional ferrite inductors, these molded types exhibit "soft saturation" characteristics, meaning the inductance drops gradually as current increases rather than crashing abruptly.
3. **Low DCR**: The internal coil uses thick copper wire, which minimizes heat generation and improves energy efficiency in DC-DC conversion.
---
### 4. Typical Applications
The CSHB0530R-R33M is commonly used in the following circuits:
* **Voltage Regulator Modules (VRM)**: Used in laptops and desktops to provide stable power to CPUs/GPUs.
* **DC-DC Converters**: High-frequency switching power supplies.
* **Battery Powered Devices**: Used in tablets or high-end handhelds where space is tight but power demand is high.
* **Automotive Electronics**: Infotainment systems and ADAS sensors.
- ⤷
What are the direct equivalents or alternatives to the CSHB series from other brands like Vishay or TDK?
- ⤷ How does the 'soft saturation' feature specifically benefit a switching power supply design?
- ⤷ What is the maximum current rating (Irms vs Isat) for this specific 0.33uH inductor?