データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CSI-RGFB-200-UFFR

  • AI
    The **CSI-RGFB-200-UFFR** is a specific RF (Radio Frequency) coaxial cable assembly. To understand its electronic parts and functionality, we must break down the SKU nomenclature, which typically refers to a **U.FL to SMA** bulkhead adapter cable commonly used in wireless communication modules (like Wi-Fi, Bluetooth, or GPS). ### 1. Component Breakdown | Part Component | Description | Technical Function | | :--- | :--- | :--- | | **Connector A (U.FL)** | Ultra-miniature SMT connector. | Connects to the PCB (Printed Circuit Board) of a wireless module (e.g., ESP32, Mini-PCIe card). | | **Connector B (SMA Bulkhead)** | Standard female SMA with nut/washer. | Provides an external interface for a standard antenna to be screwed on through a chassis or enclosure. | | **Coaxial Cable (RG-178/1.13mm)** | The physical bridge. | Transmits the high-frequency signal with minimal loss and shielding against electromagnetic interference (EMI). | --- ### 2. Technical Specifications The "Electronic" performance of this assembly is defined by its impedance and signal integrity: * **Impedance:** 50 Ohms (Standard for RF communications). * **Frequency Range:** Typically DC to 6 GHz (Supports 2.4GHz and 5GHz Wi-Fi bands). * **Cable Diameter:** Usually 1.13mm or 1.32mm, allowing for extreme flexibility in tight enclosures. * **Insertion Loss:** Dependent on the "200" (likely 200mm length). Longer cables result in higher signal attenuation. --- ### 3. Detailed Electronic Layers If we look at the cross-section of the cable part of the assembly, it consists of four electronic layers: 1. **Inner Conductor:** Silver-plated copper or copper-clad steel. Carries the actual RF signal. 2. **Dielectric Insulator:** Typically PTFE (Teflon). Maintains the spacing between the conductor and shield to ensure constant 50 Ohm impedance. 3. **Outer Conductor (Shield):** Tinned copper braid. Acts as the "Ground" and protects the signal from external noise (Faraday cage effect). 4. **Jacket:** FEP or PVC outer coating. Provides physical insulation and environmental protection. --- ### 4. Common Applications * **IoT Gateways:** Connecting an internal LoRa or Wi-Fi module to an external high-gain antenna. * **Embedded Systems:** Routing signals from a dense PCB to the device's outer casing. * **Prototyping:** Used extensively with Raspberry Pi HATs or Arduino shields that require external antennas.
    ✨ Follow-up Questions
    • ⤷ What is the maximum signal loss (attenuation) for a 200mm cable at 5GHz?
    • ⤷ How do I properly torque the SMA bulkhead nut to prevent damage?
    • ⤷ Can this cable assembly be used for outdoor weather-exposed applications?