データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CSP2AB

  • AI
    The **CSP2AB** is a high-performance integrated circuit, primarily associated with **Infineon Technologies** and their **CYPD (Cypress Power Delivery)** series. Specifically, it belongs to the **EZ-PD™ CCG3** family (specifically the CYPD3125-40LQXIT variant), which is a highly integrated USB Type-C and Power Delivery (PD) controller. Below is a breakdown of the electronic components and internal architecture of this part. --- ## 1. Core Architecture The CSP2AB is a System-on-Chip (SoC) designed to manage power and data negotiation for USB-C interfaces. | Component | Description | | :--- | :--- | | **MCU Core** | 32-bit ARM® Cortex®-M0 processor. | | **Clock Speed** | Typically operates up to 48 MHz. | | **Memory** | Includes 128 KB Flash and 8 KB SRAM for firmware execution. | | **Operating Voltage** | Supports a wide range from 2.7V to 21.5V. | --- ## 2. Key Electronic Blocks The chip integrates several blocks that would typically require external discrete components. ### A. Power Delivery (PD) Subsystem * **Transceiver:** A physical layer (PHY) that handles BMC (Biphase Mark Coding) over the CC (Configuration Channel) lines. * **VBUS Monitoring:** Internal high-voltage sensors to monitor voltage levels on the VBUS line. * **Discharge Circuit:** Integrated FETs to discharge VBUS to a safe level when a cable is disconnected. ### B. Analog/Mixed Signal Blocks * **ADC:** 8-bit Analog-to-Digital Converter used for monitoring system parameters like current, voltage, and temperature. * **Gate Drivers:** Integrated drivers to control external N-Channel MOSFETs (load switches) for power path management. * **OVP/OCP:** Over-Voltage and Over-Current protection circuitry. ### C. Digital Interfaces * **I2C:** Used for communication with a host processor or other peripherals. * **GPIOs:** General Purpose Input/Outputs for status LEDs or custom triggers. * **SWD:** Serial Wire Debug interface for programming the Flash memory. --- ## 3. Typical Pin Configuration (40-QFN) The CSP2AB (CCG3) is commonly housed in a 40-pin QFN package. | Pin Group | Function | | :--- | :--- | | **CC1 / CC2** | Cable orientation detection and PD negotiation. | | **VCONN** | Provides power to E-marked cables. | | **VBUS_IN / OUT** | Connections for the main power rail. | | **GND / VCCD** | Power supply and ground for the internal logic. | --- ## 4. Application Logic In a circuit, the CSP2AB acts as the "brain" for the USB-C port. It handles the "handshake" between a charger and a device (like a laptop or phone) to decide whether to provide 5V, 9V, 15V, or 20V. ```c // Pseudo-code representation of the firmware logic if (CC_Pin_Detected == ATTACHED) { Negotiate_Power_Profile(); Enable_VBUS_Gate_Driver(); Start_Telemetry_ADC(); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power profiles supported by the CSP2AB controller?
    • ⤷ How does the CSP2AB handle Over-Temperature Protection (OTP)?
    • ⤷ Can the CSP2AB be used for both DFP (Downstream Facing Port) and UFP (Upstream Facing Port) applications?