データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CSS0

  • AI
    It appears you are referring to the **CSS0** series, which typically relates to **Current Sense Surface-mount (SMD) Resistors**. These are specialized electronic components used to measure current flow in a circuit by monitoring the voltage drop across them. --- ## 1. Overview of CSS0 Series Resistors Current sense resistors (often called Shunts) are designed with very low resistance values to minimize power loss while providing an accurate measurement for the integrated circuits (ICs) monitoring the system. ### Key Technical Specifications | Feature | Typical Value/Description | | :--- | :--- | | **Material** | Metal Element (often Manganese-Copper or NiCr) | | **Resistance Range** | 0.5mΩ to 100mΩ | | **Power Rating** | 1W to 3W (depending on size) | | **Tolerance** | ±1% or ±5% | | **TCR** | Low Temperature Coefficient (e.g., ±50ppm/°C) | | **Package Sizes** | 0805, 1206, 2512 (SMD) | --- ## 2. Functions of the CSS0 Component In a circuit, the CSS0 part serves three primary purposes: 1. **Current Monitoring:** By applying Ohm’s Law ($V = I \times R$), a controller can calculate the current ($I$) by measuring the small voltage ($V$) across the known resistance ($R$). 2. **Overcurrent Protection:** If the voltage drop exceeds a certain threshold, the system can trigger a shutdown to protect sensitive components. 3. **Battery Management:** Used in fuel gauges to track how much energy is entering or leaving a battery pack. --- ## 3. Physical Construction Unlike standard thick-film resistors, the CSS0 series uses a **Metal Plate** construction. * **Heat Dissipation:** The metal element is better at handling heat spikes than ceramic-based resistors. * **Inductance:** These are designed to have "Low Inductance," which is critical for high-frequency switching power supplies to prevent signal noise. --- ## 4. Common Applications * **DC-DC Converters:** Managing power output. * **Motor Control:** Monitoring the load on a motor to prevent stalling. * **Laptops/Smartphones:** Managing battery charging cycles. * **Automotive Electronics:** Sensors for power steering or braking systems. --- ### Example Calculation If you use a **CSS0 10mΩ (0.01Ω)** resistor and the circuit is drawing **2 Amps**: ```text Voltage Drop = Current x Resistance Voltage Drop = 2A x 0.01Ω = 0.02V (or 20mV) ``` The Power Management IC (PMIC) detects this 20mV signal and knows exactly 2A is flowing.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between metal plate and thick-film current sense resistors?
    • ⤷ How do I choose the correct wattage for a CSS0 resistor in a 5A circuit?
    • ⤷ Does the CSS0 series comply with AEC-Q200 standards for automotive use?