データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CSS054D

  • AI
    The **CSS054D** is a specific electronic component, most commonly identified as a **Schottky Barrier Diode** (SBD) typically utilized for rectification and high-speed switching applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### ## 1. Technical Specifications The CSS054D is designed for low-power, high-efficiency circuits. Its primary advantage is a low forward voltage drop, which minimizes power loss. | Parameter | Typical Value | Description | |:---|:---|:---| | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 40V | The maximum voltage the diode can withstand in reverse bias. | | **Average Rectified Forward Current ($I_O$)** | 0.5A (500mA) | The maximum continuous current the diode can handle. | | **Forward Voltage Drop ($V_F$)** | ~0.45V - 0.55V | The voltage lost across the diode when conducting. | | **Reverse Leakage Current ($I_R$)** | ~30µA - 50µA | The small amount of current that flows when reverse-biased. | | **Package Type** | SOD-323 / SOT-23 | Small Outline Diode/Transistor surface-mount packaging. | --- ### ## 2. Internal Construction & Behavior The "D" suffix often denotes a specific configuration or manufacturer series (such as ROHM or similar semiconductor firms). * **Metal-Semiconductor Junction:** Unlike standard PN junction diodes, the CSS054D uses a metal-semiconductor junction. This allows for **extremely fast switching speeds** because there is no minority carrier storage charge to dissipate. * **Thermal Performance:** Because it is housed in a small SMD package, it is sensitive to thermal runaway if the current exceeds 0.5A without proper PCB heat-sinking. --- ### ## 3. Typical Applications Due to its low voltage drop and high speed, the CSS054D is frequently found in the following circuits: 1. **DC-DC Converters:** Used as a freewheeling diode to improve conversion efficiency. 2. **Reverse Polarity Protection:** Protecting sensitive low-power microcontrollers from battery insertion errors. 3. **Clamping Circuits:** Limiting voltage spikes in high-speed signal lines. 4. **Signal Detection:** Used in RF or high-frequency rectification due to low capacitance. --- ### ## 4. Schematic Representation In a circuit diagram, the CSS054D is represented by the standard Schottky symbol, characterized by the "S" shaped lines on the cathode bar. ```text Anode Cathode ----|>|-----------[|]---- (A) (K) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the CSS054D?
    • ⤷ How does the forward voltage of the CSS054D change with temperature?
    • ⤷ What is the maximum power dissipation for the SOD-323 version of this diode?