データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CSS10

  • AI
    The **CSS10** typically refers to a high-speed, high-precision **Current Sensing Switch** or a specific series of **Current Sense Resistors** (often manufactured by brands like Stackpole Electronics). Below is a detailed breakdown of the electronic components and characteristics associated with the CSS10 series. --- ## 1. Component Overview The CSS10 is primarily a **Surface Mount (SMD) Metal Strip Resistor**. It is engineered for applications requiring precise current measurement and high power handling in a small footprint. | Feature | Specification (Typical) | | :--- | :--- | | **Package Size** | 2512 (6.4mm x 3.2mm) | | **Power Rating** | 1W to 2W (depending on thermal management) | | **Resistance Range** | 0.5mΩ to 100mΩ | | **Tolerance** | ±1% to ±5% | | **Temperature Coefficient (TCR)** | ±15 ppm/°C to ±70 ppm/°C | --- ## 2. Key Internal Elements The electronic performance of the CSS10 is defined by its physical construction: ### A. Metal Alloy Element Unlike standard thick-film resistors that use a paste, the CSS10 uses a **solid metal alloy** (such as Manganese-Copper or Nickel-Chrome). This allows for: * Low noise. * High stability under thermal stress. * Low inductance (crucial for high-frequency switching). ### B. Kelvin Termination (Optional) Some variants of CSS series parts support 4-terminal (Kelvin) connections. This separates the current path from the voltage sensing path, eliminating the resistance of the solder joints from the measurement. ### C. Flame Retardant Coating The exterior is usually coated with a high-temperature epoxy or silicone molding to protect the element from oxidation and moisture. --- ## 3. Circuit Functions In an electronic system, the CSS10 performs several critical roles: 1. **Over-Current Protection:** It senses when the current exceeds a threshold, allowing the controller to shut down the circuit to prevent damage. 2. **Battery Management (BMS):** It monitors the charge and discharge rates of Li-ion batteries. 3. **DC-DC Converters:** It provides feedback for current-mode PWM controllers to regulate output power. 4. **Motor Control:** It tracks the phase current in brushless DC (BLDC) motors to ensure smooth rotation. --- ## 4. Technical Advantages | Advantage | Description | | :--- | :--- | | **Low Thermal EMF** | Minimizes voltage errors caused by temperature gradients across the part. | | **High Pulse Handling** | Can withstand short-duration surges much better than standard film resistors. | | **AEC-Q200 Compliance** | Many CSS10 parts are automotive-grade, meaning they withstand high vibration and heat. | ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the CSS10 and the CSS20 series?
    • ⤷ How do I calculate the power dissipation for a CSS10 in a 12V circuit?
    • ⤷ Can the CSS10 be used in AC current sensing applications?