データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CSS8550

  • AI
    The **SS8550** is a widely used PNP epitaxial silicon transistor. It is specifically designed for high-current applications, such as the output stage of audio amplifiers and general-purpose switching. --- ### 1. Key Technical Specifications The SS8550 is known for its ability to handle relatively high currents compared to standard small-signal transistors like the BC557. | Parameter | Specification | | :--- | :--- | | **Transistor Type** | PNP | | **Max Collector Current ($I_C$)** | 1.5 A (1500mA) | | **Max Collector-Emitter Voltage ($V_{CEO}$)** | 25 V | | **Max Collector-Base Voltage ($V_{CBO}$)** | 40 V | | **Max Emitter-Base Voltage ($V_{EBO}$)** | 6 V | | **Max Power Dissipation ($P_D$)** | 1 Watt | | **DC Current Gain ($h_{FE}$)** | 85 to 300 | | **Package Type** | TO-92 (Standard through-hole) | --- ### 2. Pinout Configuration When looking at the flat side of the TO-92 package with the leads pointing downwards, the pin sequence from left to right is: 1. **Emitter (E):** Current flows out from the emitter in a PNP configuration. 2. **Base (B):** The trigger that controls the flow between Emitter and Collector. 3. **Collector (C):** Current flows into the collector. --- ### 3. Complementary Pair In many circuit designs, especially Push-Pull amplifiers, a PNP transistor is paired with an NPN equivalent. * **Complementary NPN:** **SS8050** Using these two together allows for the symmetrical amplification of both halves of an AC signal (audio). --- ### 4. Common Applications Due to its 1.5A current rating, the SS8550 is found in: * **Class B Amplifiers:** Used in the output stage for driving speakers. * **Relay Drivers:** Handling the surge current needed to energize mechanical relays. * **DC Motor Control:** Small motors used in toys or robotics. * **LED Flashers:** Driving high-power LED arrays. --- ### 5. Basic Switching Circuit Example In a PNP switching circuit, the load is typically connected between the Collector and the negative rail (Ground), while the Emitter is connected to the positive supply. ```markdown VCC (+) ----> [Emitter] [Base] <---- [Resistor] <---- Control Signal (Low to turn ON) [Collector] ----> [Load (e.g., Motor)] ----> GND (-) ```
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the SS8550 and the S8550?
    • ⤷ How do I calculate the base resistor for an SS8550 switching circuit?
    • ⤷ Can the SS8550 be used in high-frequency RF applications?