データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CSSER

  • AI
    It appears you are referring to a **CSSER** (which is often a typo or specific shorthand for a **CSR** - *Control Supply Resistor* or *Current Sensing Surface Mount Resistor*) or potentially a specific series of **Chip Resistors**. In the context of electronic components, these parts generally fall under the category of **Surface Mount Technology (SMT)** resistors used for power management and circuit protection. --- ## 1. Core Component: Current Sensing Resistors (CSR) If "CSSER" refers to high-precision current sensing components, they are designed to measure current flow by monitoring the voltage drop across a known resistance ($V = I \times R$). ### Key Specifications | Feature | Description | | :--- | :--- | | **Resistance Range** | Extremely low (miliohms, e.g., 0.5mΩ to 100mΩ). | | **Power Rating** | High wattage relative to size (1W to 5W+). | | **Tolerance** | High precision, often ±1% or ±0.5%. | | **TCR** | Low Temperature Coefficient of Resistance (remains stable when hot). | --- ## 2. Electronic Construction These parts are typically constructed using specialized materials to handle thermal stress: * **Metal Foil/Element:** Unlike standard thick-film resistors, these use a solid metal alloy (like Manganese-Copper) for better stability. * **Heat Dissipation:** They often feature larger solder pads or "long-side" terminations to pull heat away from the component into the PCB. * **Encapsulation:** Coated with high-temperature epoxy or ceramic for environmental protection. --- ## 3. Typical Applications These components are critical in modern power electronics: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge levels in Li-ion batteries. 2. **Motor Control:** Detecting stalls or overcurrent conditions in DC motors. 3. **DC-DC Converters:** Regulating output voltage by sensing the current load. 4. **Overcurrent Protection:** Acting as a trigger for "e-fuses" or protection circuits. --- ## 4. Part Number Breakdown (Example) While part numbers vary by manufacturer (like Vishay, Yageo, or KOA Speer), they usually follow this logic: ```text [Series Prefix] - [Size/Package] - [Tolerance] - [Resistance Value] Example: CSS - 2512 - J - R005 (CSS Series, 2512 Package, 5% Tolerance, 5mΩ Resistance) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard resistor and a current sensing resistor?
    • ⤷ How do I calculate the power dissipation for a low-ohm resistor?
    • ⤷ Which manufacturers produce the CSS series of electronic components?