データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CSSOP

  • AI
    ## Understanding CSSOP (Shrink Small Outline Package) **CSSOP** stands for **Shrink Small Outline Package**. It is a surface-mount integrated circuit (IC) package characterized by its reduced size compared to standard SOP (Small Outline Package) and SSOP (Shrink Small Outline Package) variants. ### 1. Key Characteristics The primary goal of the CSSOP design is to minimize the "footprint" of the chip on the Printed Circuit Board (PCB). | Feature | Description | | :--- | :--- | | **Mounting Type** | Surface Mount Technology (SMT) | | **Lead Shape** | Gull-wing (shaped like an 'L' extending outward) | | **Pitch** | Typically 0.65mm or 0.5mm (very fine) | | **Body Width** | Narrower than standard SOP/SSOP | | **Height** | Lower profile, often below 1.5mm | --- ### 2. Physical Structure Like most plastic packages, the CSSOP consists of several internal electronic components: 1. **Die (Silicon Chip):** The actual integrated circuit containing the transistors and logic. 2. **Lead Frame:** The metal structure that supports the die and provides the external pins. 3. **Bond Wires:** Extremely thin wires (usually Gold or Copper) connecting the Die pads to the Lead Frame. 4. **Encapsulant:** A plastic epoxy mold compound that protects the internals from moisture and physical damage. --- ### 3. Comparison with Other Packages | Package Type | Pin Pitch (Approx) | Relative Size | Common Use Case | | :--- | :--- | :--- | :--- | | **SOP** | 1.27 mm | Large | General purpose power/logic | | **SSOP** | 0.65 mm | Medium | Consumer electronics | | **CSSOP** | **0.50 - 0.65 mm** | **Small/Compact** | High-density mobile devices | | **TSSOP** | 0.65 mm | Thin/Small | Height-sensitive applications | --- ### 4. Advantages and Limitations #### Advantages * **Space Efficiency:** Allows for more components in a smaller area, essential for smartphones and wearables. * **Electrical Performance:** Shorter internal lead lengths reduce parasitic inductance and capacitance, aiding high-speed signals. * **Weight:** Significantly lighter than traditional DIP or SOP packages. #### Limitations * **Soldering Difficulty:** Because the pins are so close together (fine pitch), they are prone to "solder bridging" (shorts) during assembly. * **Thermal Management:** Smaller surface area means less heat dissipation compared to larger packages. * **Prototyping:** Extremely difficult to hand-solder; usually requires professional reflow ovens or precise hot-air stations. --- ### 5. Common Applications CSSOP packages are frequently found in: * Memory chips (Flash/SRAM). * Microcontrollers in portable medical devices. * Operational Amplifiers (Op-Amps) in compact audio gear. * Digital-to-Analog Converters (DACs).
    ✨ Follow-up Questions
    • ⤷ What is the difference between CSSOP and TSSOP packages?
    • ⤷ How can I prevent solder bridging when hand-soldering CSSOP components?
    • ⤷ Do CSSOP packages require special PCB footprint considerations?