CSTCC3M28G53A-R0
AI

The **CSTCC3M28G53A-R0** is a specific type of electronic component known as a **Ceramic Resonator** with built-in load capacitors. It is manufactured by Murata Electronics and is primarily used for timing and frequency control in microcontrollers and digital circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Part Number** | CSTCC3M28G53A-R0 |
| **Component Type** | Ceramic Resonator (CERALOCK®) |
| **Nominal Frequency** | 3.28 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Loading Capacitance** | 15 pF (Built-in) |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -20°C to +80°C |
| **Package / Case** | 3-SMD (Non-standard) |
---
### 2. Physical Structure and Pinout
Unlike standard 2-pin crystals, this part has **3 pins** because it integrates the necessary load capacitors internally.
1. **Input Pin:** Connected to the oscillator input of the IC.
2. **Ground Pin:** The center pin, which must be connected to the circuit's ground.
3. **Output Pin:** Connected to the oscillator output of the IC.
---
### 3. Core Features & Advantages
* **Built-in Capacitance:** By including internal 15pF capacitors, it saves PCB space and reduces the total component count.
* **Small Footprint:** The "CSTCC" series is designed for low-profile applications.
* **Cost-Effective:** Ceramic resonators are generally cheaper than quartz crystals, though they offer slightly lower frequency stability.
* **Fast Start-up:** These resonators typically reach stable oscillation faster than quartz equivalents.
---
### 4. Typical Applications
This component is commonly found in consumer electronics where high precision (like atomic clock accuracy) isn't required, but cost and size are critical:
* **Microcontrollers (MCU):** Providing the clock signal for 8-bit or 16-bit processors.
* **Household Appliances:** Controllers for washing machines, microwaves, or refrigerators.
* **Remote Controls:** Generating the carrier frequency for IR signals.
* **Toys and Gadgets:** General digital logic timing.
- ⤷
What is the difference in stability between this ceramic resonator and a quartz crystal?
- ⤷ Can this part be used in automotive applications requiring high temperature ranges?
- ⤷ How do the built-in capacitors affect the PCB layout design?