データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CSTCE12M5G55Z-R0

  • AI
    ## Technical Overview: CSTCE12M5G55Z-R0 The **CSTCE12M5G55Z-R0** is a ceramic resonator manufactured by **Murata Electronics**. It belongs to the **CERALOCK®** product line, specifically the **CSTCE** series. This component is used as a frequency control device, similar to a crystal oscillator but with internal load capacitors. --- ### 1. Key Technical Specifications The following table outlines the critical electrical and physical parameters of this component: | Parameter | Specification | | :--- | :--- | | **Nominal Frequency** | 12.500 MHz | | **Frequency Tolerance** | ±0.5% | | **Frequency Stability** | ±0.3% | | **Load Capacitance** | 33 pF (Internal) | | **Resonant Impedance** | 30 Ω (Max) | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | 3.2 x 1.3 mm (SMD) | | **Mounting Type** | Surface Mount | --- ### 2. Internal Structure and Features The CSTCE12M5G55Z-R0 is more than just a vibrating element; it is an integrated timing solution. * **Built-in Load Capacitors:** Unlike standard quartz crystals that require external capacitors on the PCB, this "CERALOCK" part has two 33pF capacitors integrated within the package. * **Three-Terminal Design:** Because the capacitors are internal, the device features three pins: 1. **Input** (Frequency pin) 2. **Ground** (Common capacitor ground) 3. **Output** (Frequency pin) * **Automotive Grade:** The "Z" suffix often indicates high-reliability/automotive compatibility, capable of withstanding extreme temperature ranges (-40°C to +125°C). --- ### 3. Comparison: Ceramic Resonator vs. Quartz Crystal Understanding where this part fits in a design requires comparing it to traditional crystals. | Feature | Ceramic Resonator (CSTCE) | Quartz Crystal (XTAL) | | :--- | :--- | :--- | | **Accuracy** | Moderate (±0.5%) | High (±0.001%) | | **Start-up Time** | Very Fast | Slow | | **Cost** | Generally lower | Generally higher | | **Size** | Smaller (integrated caps) | Larger (requires external caps) | | **Robustness** | High (Vibration resistant) | Lower (Brittle) | --- ### 4. Typical Applications Due to its 12.5MHz frequency and high-temperature stability, this part is commonly found in: * **Automotive Electronics:** Engine Control Units (ECUs), infotainment systems, and ABS modules. * **Microcontrollers:** Serving as the clock source for MCUs that do not require high-precision timing (like USB or Ethernet) but need reliability. * **Industrial Equipment:** Control boards exposed to high vibration or thermal stress.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of built-in capacitors in ceramic resonators?
    • ⤷ How does frequency tolerance affect microcontroller performance?
    • ⤷ Can this part be used in high-speed communication protocols like USB?