データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CT-11-R/CE

  • AI
    Based on the technical specifications for the **CT-11-R/CE**, which is a high-performance **Current Transformer (CT)** typically used in energy monitoring and industrial automation, here is a breakdown of its electronic components and characteristics. --- ## 1. Core Electronic Components The CT-11-R/CE is a passive electromagnetic device. Its "electronics" are primarily focused on induction and signal conditioning. | Component | Description | Function | | :--- | :--- | :--- | | **Magnetic Core** | High-permeability Silicon Steel or Ferrite. | Concentrates the magnetic field generated by the primary conductor. | | **Secondary Winding** | High-precision copper wire coils. | Converts the magnetic flux into a proportional secondary current. | | **Internal Burden Resistor** | Built-in precision resistor (specific to voltage-output models). | Converts the induced current into a safe, measurable voltage signal. | | **Encapsulation** | UL94-V0 Flame retardant epoxy/plastic. | Provides electrical insulation and environmental protection. | --- ## 2. Technical Specifications The "CE" suffix indicates compliance with European Union safety, health, and environmental protection requirements. ### Electrical Characteristics * **Transformation Ratio:** Typically designed for a specific ratio (e.g., 100A:50mA or 100A:0.333V). * **Accuracy Class:** Usually **Class 0.5 or 1.0**, ensuring minimal phase shift and linear output. * **Insulation Voltage:** Rated for up to **600V AC** (primary) with test voltages often reaching 2500V. * **Frequency Range:** Optimized for **50Hz / 60Hz** applications. --- ## 3. Connectivity and Output The CT-11-R/CE is designed for easy integration into Power Meters and PLCs (Programmable Logic Controllers). ### Wiring Interfaces 1. **Secondary Leads:** Usually color-coded wires (White/Black or Red/Black). 2. **R-Suffix (Rectangular/Ring):** The "R" often denotes a solid-core (ring) design, which offers better accuracy but requires the primary wire to be disconnected during installation. ### Circuit Protection Unlike traditional current transformers that can explode if the secondary circuit is opened (open-circuit high voltage), the **CE-marked** electronic versions often include **Zener Diode Protection** to clamp the output voltage to a safe level (e.g., < 10V). --- ## 4. Typical Applications * **Sub-metering:** Measuring energy consumption in commercial buildings. * **Load Management:** Monitoring motor health or HVAC performance. * **Digital Displays:** Providing inputs for panel-mounted current meters. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific current transformation ratio for the CT-11-R/CE?
    • ⤷ Does this model output a current signal or a low-voltage (0.333V) signal?
    • ⤷ How does the 'CE' certification impact the safety features of this transformer?