データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CT-16-R/CE

  • AI
    The **CT-16-R/CE** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Resonator**. These parts are essential in electronics for providing a stable clock signal or frequency reference for microprocessors and communication circuits. --- ## 1. Technical Specifications The "CT-16-R/CE" part number usually refers to a 32.768 kHz tuning fork crystal, commonly used in Real-Time Clock (RTC) applications. | Feature | Typical Specification | | :--- | :--- | | **Nominal Frequency** | 32.768 kHz | | **Package Type** | Ceramic SMD (Surface Mount) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Load Capacitance ($C_L$)** | 7pF, 9pF, or 12.5pF (Model dependent) | | **Frequency Tolerance** | ±20 ppm (standard) | | **Equivalent Series Resistance (ESR)** | 70k $\Omega$ to 90k $\Omega$ max | --- ## 2. Key Electronic Characteristics ### Frequency Stability The "16" in the naming convention often refers to the package size (e.g., 1.6mm length) or specific frequency characteristics. Because it is a tuning fork crystal, its frequency-temperature curve is **parabolic**, meaning it is most accurate at room temperature (25°C). ### Low Power Consumption These parts are designed for low-drive levels (typically 0.1µW to 0.5µW). This makes them ideal for battery-operated devices where the clock must run continuously while the rest of the system is in sleep mode. --- ## 3. Circuit Integration When integrating the CT-16-R/CE into a circuit, it is typically connected to an oscillator circuit (Pierce Oscillator) within a microcontroller. ```cpp // Typical Schematic Connection [MCU_OSC_IN] ---- [C1] ---- (Crystal Pin 1) | (CT-16-R/CE) | [MCU_OSC_OUT] ---- [C2] ---- (Crystal Pin 2) // Note: C1 and C2 are Load Capacitors // calculated based on the Crystal's CL spec. ``` --- ## 4. Common Applications * **Wearables:** Smartwatches and fitness trackers requiring small footprints. * **IoT Devices:** Low-power sensors that need to wake up at specific intervals. * **RTC Modules:** Providing time-keeping for computers, meters, and industrial controllers. * **Mobile Communication:** Small-form factor smartphones and tablets.
    ✨ Follow-up Questions
    • ⤷What is the significance of the 32.768 kHz frequency in these crystals?
    • ⤷ How do I calculate the correct load capacitors for the CT-16-R/CE?
    • ⤷ What are the physical dimensions of the CT-16 package?