データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CT-1F-R

  • AI
    The **CT-1F-R** is a high-precision, industrial-grade **Current Transformer (CT)** typically manufactured by companies like **U.R.D. (u-rd)** or similar electronic component specialists. It is primarily used for current measurement, monitoring, and protection in electronic circuits. Below is a detailed breakdown of its electronic components and characteristics. --- ## 1. Core Technical Specifications The "R" suffix often denotes "RoHS compliance" or a specific "Resin-molded" finish for environmental protection. | Parameter | Typical Value / Description | |:---|:---| | **Type** | Through-hole (Donut) / PCB Mount | | **Turns Ratio** | Commonly 1:1000 or 1:3000 (Varies by sub-model) | | **Rated Current** | 0.1A to 30A (Typical range for CT-1F series) | | **Saturation Current** | ~50A - 80A | | **Applicable Frequency** | 50Hz / 60Hz | | **Output Resistance** | Recommended load resistance is usually 10Ω - 100Ω | --- ## 2. Internal Electronic Construction The device consists of three primary electronic elements housed within a flame-retardant casing: ### A. Magnetic Core * **Material:** High-permeability Permalloy or Silicon Steel. * **Function:** Concentrates the magnetic field generated by the primary conductor (the wire passing through the center) to induce a current in the secondary winding. ### B. Secondary Winding * **Material:** Fine copper magnet wire. * **Function:** The wire is wrapped around the core $N$ times. According to the formula $I_s = I_p / N$, it steps down the high primary current to a low, measurable secondary current. ### C. Encapsulation (Resin) * **Material:** Epoxy Resin (UL94V-0 rated). * **Function:** Provides galvanic isolation between the high-voltage primary line and the low-voltage sensing circuitry. It also protects the internal wire from humidity and vibration. --- ## 3. Circuit Application To use the CT-1F-R in an electronic design, the following peripheral components are usually required: 1. **Burden Resistor ($R_b$):** Connected across the secondary leads to convert the output current into a measurable voltage ($V = I \times R$). 2. **TVS Diode:** Often placed in parallel with the secondary to protect the circuit from high-voltage spikes if the secondary circuit is accidentally opened while current is flowing. 3. **Operational Amplifier (Op-Amp):** Used to buffer and amplify the small voltage signal before it reaches an ADC (Analog-to-Digital Converter). --- ## 4. Key Advantages * **Non-Contact Measurement:** No need to break the circuit to measure current. * **High Isolation:** Provides safety between the power line and the controller (MCU). * **Linearity:** Offers a very linear output relative to the input current within its rated range. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum output voltage for the CT-1F-R before saturation occurs?
    • ⤷ How do I calculate the optimal burden resistor value for this specific transformer?
    • ⤷ Is the CT-1F-R suitable for measuring high-frequency switching currents above 1kHz?