データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CT-50-R

  • AI
    The **CT-50-R** is a specific model of a digital counter/timer, typically used in industrial automation for high-speed counting, length measurement, and position sensing. --- ## 1. Key Electronic Specifications The internal circuitry is designed for high reliability and noise immunity in industrial environments. | Feature | Specification | | :--- | :--- | | **Power Supply** | Usually 100-240VAC or 24VDC (depending on sub-variant) | | **Input Type** | NPN / PNP (Selectable) | | **Max Counting Speed** | 1cps, 30cps, 2kcps, 5kcps (Configurable) | | **Output Contacts** | Relay Contact (SPDT) and NPN Open Collector | | **Display** | 6-digit LED (7-segment) | | **Memory Protection** | EEPROM (Retains data for 10+ years without power) | --- ## 2. Main Electronic Components The CT-50-R consists of several core stages that handle signals and power: ### A. Power Supply Module * **Transformer/Switching Regulator:** Steps down the input voltage (AC or DC) to 12VDC and 5VDC for the internal logic. * **Filtering Capacitors:** Used to smooth out voltage ripples and protect against surges from other industrial machinery. ### B. Input Signal Circuitry * **Optocouplers:** These provide **galvanic isolation** between the external sensor (like an encoder or proximity switch) and the internal CPU. This protects the timer from high-voltage spikes on the signal lines. * **Schmidt Trigger:** A circuit used to "square up" incoming pulses, ensuring that noise doesn't cause double-counting. ### C. Logic and Processing * **Microcontroller (MCU):** The "brain" that processes the counting logic, handles the scaling (prescale) functions, and manages the timing intervals. * **EEPROM Chip:** A non-volatile memory component that stores the current count and user settings even if the power is cut. ### D. Output Control * **Electromagnetic Relay:** The "R" in CT-50-R stands for **Relay**. This is a physical switch capable of handling higher currents (typically 3A at 250VAC) to start/stop motors or solenoids. * **Transistor (Open Collector):** A high-speed solid-state switch used for signaling other PLCs or electronic controllers. --- ## 3. Terminal Connection Layout The back of the device typically features a screw-terminal block organized by function: 1. **Terminals 1-2:** Power Input (L, N). 2. **Terminals 3-5:** Relay Output (Common, NO, NC). 3. **Terminals 6-9:** Sensor Inputs (12VDC Out, Signal A, Signal B, 0V). 4. **Terminal 10:** Reset Input. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the CT-50-R and the CT-60 series?
    • ⤷ How do you wire an NPN proximity sensor to this counter?
    • ⤷ How do I change the counting speed to avoid electrical noise interference?