データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CT-5F-R/Q

  • AI
    The **CT-5F-R/Q** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Tactile Switch** or a precision feedback component manufactured by companies like Nidec Copal Electronics. These are widely used in interface panels where a "click" feel and compact footprint are required. --- ## 1. Technical Specifications The "CT-5" series represents a family of square, ultra-miniature tactile switches. Below are the typical technical parameters: | Parameter | Specification | | :--- | :--- | | **Type** | Momentary Push Button (Tactile) | | **Mounting Type** | Surface Mount (SMD / Gull-wing) | | **Dimensions** | 6.0mm x 6.0mm (Standard Base) | | **Operating Force** | ~1.57 N (approx. 160gf) | | **Electrical Rating** | DC 12V, 50mA | | **Contact Resistance** | < 100 mΩ | | **Operating Life** | 100,000 cycles minimum | --- ## 2. Model Suffix Breakdown (R/Q) The letters following the base model number indicate specific packaging and physical configurations: * **CT-5F**: Indicates the base series and the **Gull-wing** lead shape (the "F" style pins that bend outward for SMD soldering). * **-R**: Generally stands for **Tape & Reel** packaging. This is critical for automated "Pick and Place" assembly machines. * **-Q**: This often refers to the **Actuator Height** or a specific **Material Grade**. In many Nidec series, "Q" denotes a specific height profile to accommodate different button caps or housing depths. --- ## 3. Internal Construction These parts are engineered for durability and tactile feedback. The internal stack usually consists of: 1. **Actuator (Button):** The top part that the user presses. 2. **Cover:** A metal or high-temperature plastic plate that holds the assembly together. 3. **Contact Dome:** A stainless steel or phosphor bronze spring disk. This is the "heart" of the component; when pressed, it snaps down to bridge the circuit, providing the tactile "click." 4. **Base:** A heat-resistant resin housing containing the fixed terminals. --- ## 4. Common Applications Due to their small size and reliability, the CT-5F-R/Q is found in: * **Consumer Electronics:** Camera shutter buttons, volume controls. * **Industrial:** Interface panels for PLC (Programmable Logic Controllers). * **Medical:** Handheld diagnostic devices. * **Automotive:** Dashboard controls and key fobs. --- ## 5. Soldering Guidelines As an SMD component, it is designed for **Reflow Soldering**. * **Preheat:** 150°C to 180°C (60-120 seconds). * **Peak Temp:** 255°C to 260°C. * **Caution:** Excessive heat or manual soldering with a wide tip can melt the internal plastic housing or warp the contact dome.
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions for the CT-5F-R/Q actuator height?
    • ⤷ Are there waterproof versions of this switch series?
    • ⤷ Can this switch be used in 24V DC circuits?