データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CT0603CSF-R18K

  • AI
    ## Technical Overview: CT0603CSF-R18K The **CT0603CSF-R18K** is a high-frequency, wire-wound surface mount (SMD) chip inductor. It is designed for applications requiring high **Quality Factor (Q)** and stable performance at radio frequencies. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's core characteristics: | Code Segment | Meaning | Details | | :--- | :--- | :--- | | **CT** | Series Prefix | Ceramic core, wire-wound technology | | **0603** | Case Size | 0.06 x 0.03 inches (1.6 x 0.8 mm) | | **CSF** | Construction | Ceramic substrate / Standard profile | | **R18** | Inductance Value | **180 nH** (R denotes decimal: 0.18 µH) | | **K** | Tolerance | **±10%** | --- ### 2. Key Specifications The following table highlights the electrical and physical parameters of this specific component: | Parameter | Value | | :--- | :--- | | **Inductance** | 180 nH | | **Tolerance** | ±10% | | **Core Material** | Ceramic | | **Quality Factor (Q) Min.** | 25 (at 100 MHz) | | **Self-Resonant Frequency (SRF)** | 920 MHz (Min.) | | **DC Resistance (DCR)** | 1.25 Ω (Max.) | | **Rated Current (Idc)** | 240 mA (Max.) | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Engineering Characteristics * **Wire-Wound Construction:** Unlike multilayer inductors, wire-wound types offer much higher **Q factors** and higher current handling capabilities. This makes them ideal for signal processing and filtering. * **Ceramic Core:** The non-magnetic ceramic core ensures that the inductance remains stable across a wide temperature range and does not saturate, which is critical for high-frequency stability. * **High SRF:** The Self-Resonant Frequency is significantly higher than the operating frequency, preventing the inductor from behaving like a capacitor in your target circuit. ### 4. Typical Applications Commonly used in RF and wireless communication circuits, including: * **Matching Networks:** Impedance matching for antennas. * **Filters:** Low-pass, high-pass, and band-pass filters in cellular or Wi-Fi modules. * **Oscillators:** Frequency stabilization in VCOs (Voltage Controlled Oscillators). * **Bluetooth/WLAN:** Signal conditioning in compact mobile devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q factor affect the performance of an RF filter?
    • ⤷ Can this inductor be used in power supply decoupling applications?