データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CT0603CSF-R27M

  • AI
    The **CT0603CSF-R27M** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are commonly used in RF (Radio Frequency) circuits due to their high "Q" factor and stability at high frequencies. --- ## 1. Technical Specifications The part number follows a standard naming convention that defines its physical and electrical characteristics. | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 270 nH (0.27 µH) | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 0603 (EIA) / 1608 (Metric) | | **Construction** | Ceramic Core, Wire-Wound | | **Current Rating (Max)** | ~300 mA to 500 mA (Typical for this series) | | **DC Resistance (Max)** | ~0.60 to 1.00 $\Omega$ | | **Self-Resonant Frequency (SRF)** | > 600 MHz | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **CT**: Manufacturer Series (typically Central Technologies). * **0603**: Package size (0.06 x 0.03 inches). * **CSF**: Ceramic substrate, standard profile. * **R27**: Inductance value ($R$ acts as a decimal point, $0.27 \mu H = 270 nH$). * **M**: Tolerance code ($M = \pm 20\%$, $K = \pm 10\%$, $J = \pm 5\%$). --- ## 3. Key Features & Applications ### Key Features * **High Q Factor:** The wire-wound construction provides lower losses compared to multilayer inductors. * **Ceramic Core:** Provides excellent thermal stability and high SRF (Self-Resonant Frequency). * **Miniature Size:** Ideal for high-density PCB layouts. ### Common Applications 1. **RF Matching Networks:** Tuning circuits in wireless communication devices. 2. **Filters:** Low-pass, high-pass, and band-pass filters for signal integrity. 3. **Oscillators:** Used in VCOs (Voltage Controlled Oscillators) for frequency stabilization. 4. **Decoupling:** High-frequency noise suppression in power lines. --- ## 4. Design Considerations When using the CT0603CSF-R27M, engineers must consider the following: * **Self-Resonant Frequency (SRF):** Ensure the operating frequency is well below the SRF, as the inductor will behave like a capacitor beyond this point. * **DC Resistance (DCR):** If the circuit carries significant current, DCR will cause voltage drops and localized heating. * **Orientation:** Because it is wire-wound, there may be slight magnetic coupling with adjacent components if they are placed too close.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between ceramic core and ferrite core inductors?
    • ⤷ How does the Q factor impact the performance of an RF circuit?
    • ⤷ Can you provide a list of equivalent part numbers from other manufacturers?