CT0805HT-R56J
AI

The **CT0805HT-R56J** is a high-frequency, surface-mount (SMD) wire-wound ceramic core inductor. It is commonly used in RF (Radio Frequency) circuits where high precision and high Q-factors are required.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (like Central Technologies). Here is the breakdown of the specifications:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 560 nH (0.56 µH) | The nominal inductance value. |
| **Tolerance** | ±5% | Indicated by the "J" suffix. |
| **Case Size** | 0805 | 2.0mm x 1.25mm (0.08" x 0.05"). |
| **Core Material** | Ceramic | Non-magnetic core for high frequency stability. |
| **SRF (Min)** | 600 MHz | Self-Resonant Frequency. |
| **DC Resistance (Max)** | 1.33 Ω | Resistance of the wire at 0Hz. |
| **Rated Current** | 300 mA | Maximum continuous current (approximate). |
---
### 2. Key Features
* **Wire-Wound Construction:** Provides significantly higher Q (Quality Factor) and current handling compared to multilayer chip inductors.
* **High Q-Factor:** Essential for narrow-band filtering and minimizing signal loss in RF paths.
* **Ceramic Core:** Unlike ferrite cores, ceramic cores do not saturate and offer excellent thermal stability and high SRF.
* **Small Footprint:** The 0805 package is standard for compact PCB designs while remaining large enough for reliable automated assembly.
---
### 3. Common Applications
Due to its high frequency characteristics, the CT0805HT-R56J is typically found in:
1. **RF Matching Networks:** Impedance matching for antennas in Bluetooth, Wi-Fi, or cellular modules.
2. **LC Filters:** Used in high-pass, low-pass, or band-pass filters for signal processing.
3. **VCOs:** Voltage Controlled Oscillators requiring stable inductive components.
4. **Decoupling:** Filtering high-frequency noise in power supply lines for sensitive RF ICs.
---
### 4. Part Number Decoding
`CT` `0805` `HT` `-` `R56` `J`
* **CT:** Manufacturer Prefix (Central Technologies).
* **0805:** Package dimensions (inches).
* **HT:** Series identifier (High Temperature/High Frequency).
* **R56:** Inductance code ($R = \text{Decimal Point}$; $0.56\mu H = 560nH$).
* **J:** Tolerance code ($J = \pm5\%$).
---
- ⤷What are the equivalent alternatives for the CT0805HT series?
- ⤷ How does a ceramic core inductor differ from a ferrite core in RF performance?
- ⤷ What is the maximum operating temperature for this specific component?