データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CT1008LSC-R33J

  • AI
    The **CT1008LSC-R33J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It is commonly used in RF (Radio Frequency) circuits due to its high precision and excellent quality factor. --- ### 1. Part Number Breakdown The part number follows a specific nomenclature used by manufacturers (typically Central Technologies or similar RF component specialists): | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CT** | Manufacturer Prefix | Central Technologies | | **1008** | Case Size | 1.0 x 0.08 inches (approx. 2.5 x 2.0 mm) | | **LS** | Series Type | Low Profile / Standard Wire-wound | | **C** | Core Material | Ceramic Core (non-magnetic, high frequency) | | **R33** | Inductance Value | **0.33 µH** (330 nH) | | **J** | Tolerance | **±5%** | --- ### 2. Key Technical Specifications Based on the standard datasheet for 1008-sized wire-wound ceramic inductors: * **Inductance:** 0.33 µH (330 nH) * **Tolerance:** ±5% (J grade) * **Quality Factor (Q):** Usually >45 at a test frequency of 100 MHz. * **Self-Resonant Frequency (SRF):** Typically around 600 MHz to 900 MHz (depends on specific manufacturer revisions). * **DC Resistance (DCR):** Max 0.50 – 0.65 Ohms. * **Rated Current:** Approximately 400 mA to 600 mA. --- ### 3. Physical Construction * **Core Material:** Ceramic. This provides excellent thermal stability and a very high SRF, making it suitable for high-frequency applications where ferrite cores would saturate or lose efficiency. * **Winding:** Wire-wound. This construction offers much higher "Q" factors and lower DCR compared to multilayer or thick-film inductors. * **Termination:** Gold or Tin-plated pads for SMD soldering. --- ### 4. Applications The CT1008LSC-R33J is primarily found in: 1. **RF Matching:** Tuning circuits for antennas in Wi-Fi or Bluetooth modules. 2. **Filter Circuits:** Used in Band-pass or Low-pass filters for signal processing. 3. **Oscillators:** Providing stable inductance for VCOs (Voltage Controlled Oscillators). 4. **Telecommunications:** High-speed data transmission equipment. --- ### 5. Equivalent/Alternative Parts If this specific part is unavailable, engineers often look at: * **Coilcraft:** 1008CS-331XJLC * **Murata:** LQW2UASR33J00L * **Bourns:** CW252016-R33J
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'Q factor' affect RF circuit performance?
    • ⤷ Can I substitute a 1008 size inductor with a 0805 size if the inductance is the same?