データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CT1206CSF-R18M

  • AI
    The **CT1206CSF-R18M** is a surface-mount (SMD) wire-wound chip inductor commonly used in high-frequency applications. Below is a detailed breakdown of its specifications, construction, and typical use cases. --- ## 1. Technical Specifications The part number follows a specific coding convention used by manufacturers like Central Technologies. Here are the core electronic parameters: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 180 nH (0.18 µH) | The "R18" in the name denotes 0.18. | | **Tolerance** | ±20% | Denoted by the "M" suffix. | | **Case Size** | 1206 (EIA) | 3.2mm x 1.6mm footprint. | | **DC Resistance (DCR)** | ~0.50 Ω (Max) | Resistance of the internal wire winding. | | **Rated Current** | ~400 mA | Maximum current before the part overheats. | | **Self-Resonant Frequency** | >900 MHz | The frequency at which the part stops behaving as an inductor. | | **Construction** | Wire-Wound | Ceramic or ferrite core with copper wire winding. | --- ## 2. Component Construction ### Wire-Wound Technology Unlike multilayer inductors (which use printed layers), this component uses a tiny copper wire wrapped around a ceramic or ferrite core. * **Pros:** High **Q-factor** (quality factor) and higher current handling. * **Cons:** Slightly larger profile compared to thin-film alternatives. ### Ceramic Core (CSF series) The "CSF" designation often points to a **Ceramic Core**. Ceramic cores do not store magnetic energy as well as ferrite, but they offer exceptional stability and high Self-Resonant Frequencies (SRF), making them ideal for RF (Radio Frequency) applications. --- ## 3. Circuit Applications The CT1206CSF-R18M is typically found in the following electronic sections: 1. **RF Impedance Matching:** Used in wireless transmitters and receivers to match antenna impedance to the circuit. 2. **Frequency Filtering:** Acts as a Low-Pass or Band-Pass filter to block unwanted noise in high-frequency signals. 3. **Signal Decoupling:** Used in power supply lines for sensitive RF ICs to prevent high-frequency noise from entering the signal path. 4. **Bluetooth/WLAN Modules:** Common in communication hardware operating in the MHz to low GHz range. --- ## 4. Key Part Number Breakdown ```text CT 1206 CSF - R18 M | | | | | | | | | +-- Tolerance (M = 20%) | | | +----- Inductance Value (R18 = 0.18uH or 180nH) | | +----------- Series Type (Ceramic Surface Filter/Inductor) | +---------------- Case Size (1206) +-------------------- Manufacturer Code (e.g., Central Technologies) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q-factor affect RF circuit performance?
    • ⤷ What are the common alternatives to the 1206 package size for smaller electronics?