データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CT3401A-R3

  • AI
    The **CT3401A-R3** is a high-performance, N-Channel enhancement mode Field Effect Transistor (MOSFET). It is commonly utilized in power management applications due to its low on-resistance and compact surface-mount design. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the CT3401A-R3: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 30 | V | | **Continuous Drain Current** | $I_D$ | 4.2 | A | | **Gate-Source Voltage** | $V_{GS}$ | $\pm$12 | V | | **On-Resistance (@4.5V)** | $R_{DS(on)}$ | < 55 | m$\Omega$ | | **Power Dissipation** | $P_D$ | 1.2 | W | | **Package Type** | SOT-23 | — | — | --- ### 2. Functional Features The CT3401A-R3 is engineered for efficiency in small-scale electronic circuits. Its core features include: * **Low $R_{DS(on)}$:** Minimizes power loss during conduction, reducing heat generation. * **Fast Switching:** Optimized for high-frequency DC-DC conversion. * **Logic Level Drive:** Can be triggered by low-voltage signals (e.g., from a microcontroller), making it ideal for portable electronics. * **Thermal Stability:** Designed to operate reliably within a wide temperature range (typically -55°C to +150°C). --- ### 3. Pin Configuration (SOT-23) The device follows the standard SOT-23 pinout: 1. **Gate (G):** Controls the "on" and "off" state of the MOSFET. 2. **Source (S):** Connected to the ground or the source of the current. 3. **Drain (D):** Connected to the load. --- ### 4. Common Applications The CT3401A-R3 is frequently found in: * **Battery Protection:** Managing charging and discharging cycles in Li-ion batteries. * **Load Switching:** Turning peripheral components on/off to save power. * **DC-DC Converters:** Buck or Boost converters in mobile devices. * **LED Drivers:** Controlling the brightness and power of LED arrays. --- ### 5. Circuit Implementation Example Below is a simple representation of how the CT3401A-R3 is used as a switch: ```text [VCC] ---- [LOAD] ---- [Drain] | [MCU GPIO] --- [Gate] [CT3401A] | [GND] ---------------- [Source] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum gate threshold voltage for the CT3401A-R3?
    • ⤷ Can this MOSFET be used for high-side switching?
    • ⤷ What are the recommended thermal management strategies for the SOT-23 package?