データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTC0F-R33J

  • AI
    The **CTC0F-R33J** is a surface-mount (SMD) power inductor, specifically part of a series designed for high-frequency and power management applications. Below is a detailed breakdown of its specifications and electronic properties. --- ## 1. Technical Specifications The part number follows a specific coding convention that dictates its performance characteristics: | Parameter | Specification | Note | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | Indicated by "R33" | | **Tolerance** | ±5% | Indicated by "J" | | **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly | | **Core Material** | Ferrite | High magnetic permeability | | **Operating Temperature** | -40°C to +85°C | Typical for industrial/commercial grades | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying similar components or finding replacements: * **CTC:** Series prefix (typically identifying the manufacturer's specific wire-wound or molded series). * **0F:** Refers to the physical package size and case style. * **R33:** Represents the inductance value. The "R" acts as a decimal point ($0.33$ microhenries). * **J:** Represents the tolerance code ($J = \pm 5\%$). --- ## 3. Key Electronic Functions As an inductor, the CTC0F-R33J performs several critical roles in a circuit: ### A. Energy Storage It stores energy in a magnetic field when electric current flows through it. Because it has a relatively low inductance ($0.33 \mu H$), it is optimized for high-speed switching environments. ### B. Filtering (Noise Suppression) It acts as a low-pass filter. It allows Direct Current (DC) to pass through while providing high impedance to high-frequency Alternating Current (AC) noise, effectively "smoothing" the signal. ### C. Impedance Matching In RF (Radio Frequency) circuits, these inductors are used to match the impedance between different stages of the circuit to ensure maximum power transfer and minimal signal reflection. --- ## 4. Common Applications Due to its small form factor and low inductance, you will typically find this component in: * **DC-DC Converters:** Used in voltage regulator modules for smartphones, laptops, and tablets. * **EMI/RFI Filtering:** Reducing electromagnetic interference in communication lines. * **High-Frequency Oscillators:** Used in signal processing and radio transmission. * **Decoupling:** Preventing noise from one part of a circuit from affecting another. --- ## 5. Physical Characteristics * **Termination:** Usually features tin-plated leads or pads for lead-free soldering (RoHS compliant). * **Shielding:** Depending on the specific sub-series, it may be "unshielded" (cheaper, smaller) or "shielded" (minimizes electromagnetic leakage to nearby components).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the CTC0F-R33J from other manufacturers?
    • ⤷ How does the 'J' tolerance affect the performance of a DC-DC converter circuit?
    • ⤷ What is the maximum current rating (Irms) for this specific inductor size?