データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTC0F-R39K

  • AI
    The **CTC0F-R39K** is a specific electronic component belonging to the family of **Fixed Inductors**. It is typically an axial-leaded, conformal coated inductor used in various filtering and signal-matching circuits. --- ### 1. Technical Specifications The part number follows a standardized coding system. Here are the primary specifications for the R39K variant: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.39 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by the suffix 'K') | | **Package Type** | Axial Leaded (Through-hole) | | **Coating** | Conformal Epoxy Resin (usually green or blue) | | **Core Material** | Phenolic or Ferrite (depending on specific series) | --- ### 2. Detailed Breakdown of the Part Number To understand the component, we can deconstruct the identifier: * **CTC0F**: The series designation. This usually refers to a "Conformal Coated Inductor" with a specific body size (the '0' often denotes a miniature or standard physical size). * **R39**: The inductance value. The 'R' acts as a decimal point. Therefore, R39 = **0.39**. * **K**: The tolerance code. * J = ±5% * **K = ±10%** * M = ±20% --- ### 3. Electrical Characteristics Beyond basic inductance, these parts are defined by their performance in a circuit: * **Q Factor (Quality Factor):** These inductors generally have a high Q, meaning they have low resistance relative to their inductance at specific frequencies. * **Self-Resonant Frequency (SRF):** This is the frequency at which the inductor stops behaving like an inductor due to parasitic capacitance. For a 0.39µH part, the SRF is typically very high (often > 400 MHz). * **DC Resistance (DCR):** Usually very low for this inductance value, allowing it to handle moderate DC current without significant heating. --- ### 4. Common Applications Due to its small size and fixed inductance, the CTC0F-R39K is commonly found in: 1. **RF Coupling/Decoupling:** Used to block high-frequency noise from reaching sensitive power rails. 2. **Filter Networks:** Part of LC (Inductor-Capacitor) filters to smooth signals. 3. **Telecommunications:** Used in signal processing equipment. 4. **Consumer Electronics:** Found in power supplies and oscillators. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Imax) for the CTC0F series?
    • ⤷ How does the 'R39K' compare to a '3R9K' inductor?
    • ⤷ What are the soldering temperature limits for conformal coated axial inductors?