データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTC1F-R47J

  • AI
    ### Technical Overview: CTC1F-R47J The **CTC1F-R47J** is a high-frequency **Fixed Inductor** (specifically a Conformal Coated Axial Inductor) commonly used in RF (Radio Frequency) and signal processing applications. It is designed for mounting on PCBs via through-hole technology. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.47 µH (Microhenries) | | **Tolerance** | ±5% (indicated by the 'J' suffix) | | **Mounting Type** | Through-Hole (Axial Leads) | | **Core Material** | Phenolic or Ferrite (depending on specific sub-series) | | **Case Type** | Conformal Coated (Epoxy Resin) | | **Q Factor (Min)** | 45 at 25.2 MHz | | **Self-Resonant Frequency (Min)** | 300 MHz | | **DC Resistance (Max)** | 0.12 Ohms | | **Rated Current (Max)** | 1150 mA (1.15A) | --- ### Component Decoding (Part Number Breakdown) * **CTC1F**: The series identifier. "CTC" usually refers to Conformal Coated Chokes; "1F" denotes the specific physical size and power handling category. * **R47**: The inductance value. The "R" acts as a decimal point. Therefore, R47 = **0.47 µH**. * **J**: The tolerance code. * J = ±5% * K = ±10% * M = ±20% --- ### Physical Characteristics and Construction 1. **Lead Material**: Typically Tinned Copper. 2. **Coating**: Coated with a flame-retardant epoxy resin (often green or blue) to protect the internal windings from moisture and environmental contaminants. 3. **Color Coding**: These inductors often use a 4-band color code system (similar to resistors) to indicate inductance and tolerance. ### Common Applications * **RF Circuits**: Used in oscillators and high-frequency amplifiers due to the high SRF (Self-Resonant Frequency). * **Signal Filtering**: Acts as a low-pass filter to block high-frequency noise while allowing DC to pass. * **Decoupling**: Used in power supply lines to prevent high-frequency interference from reaching sensitive components. * **Telecommunications**: Found in modems, routers, and radio equipment. --- ### Sample Footprint Design (Generic Axial) ```text Inductor Body ___________________ ---| ||||||| |--- |___________________| ^ ^ Lead (Left) Lead (Right) Pitch: Typically 10.0mm to 12.5mm depending on lead bending. ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Q Factor' in this inductor?
    • ⤷ How does the DC resistance impact the efficiency of a circuit?
    • ⤷ What are the alternatives if a surface-mount (SMD) version is required?