データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTC1F-R56J

  • AI
    The **CTC1F-R56J** is a high-reliability fixed inductor, commonly used in radio frequency (RF) and signal filtering circuits. It belongs to the axial-leaded family of components, known for its small form factor and durability. --- ### 1. Technical Specifications The part number can be decoded to understand its specific electrical characteristics. | Parameter | Value | Details | | :--- | :--- | :--- | | **Inductance** | 0.56 µH | The primary storage capacity of the magnetic field. | | **Tolerance** | ±5% | Indicated by the suffix 'J'. | | **Core Material** | Phenolic/Ferrite | Depending on the specific sub-series, often ferrite for this range. | | **Package Type** | Axial Leaded | Cylindrical body with wire leads on both ends. | | **Max DC Current** | ~500mA to 1200mA | Varies slightly by manufacturer (COILTEC). | | **DC Resistance (DCR)** | Low | Designed to minimize power loss. | --- ### 2. Component Composition The CTC1F-R56J consists of several critical internal parts: * **Coil (Winding):** Fine copper wire wound around the core. The number of turns determines the 0.56 µH value. * **Core:** Usually a ferrite or phenolic material that provides the magnetic path for the flux. * **Coating:** Typically treated with an epoxy resin or conformal coating to protect against moisture, oxidation, and physical vibration. * **Leads:** Tin-plated copper leads for easy soldering onto Through-Hole (THT) printed circuit boards. --- ### 3. Common Applications Due to its low inductance (sub-microhenry range), this part is typically used for high-frequency tasks: 1. **RF Coupling:** Used in radio transmitters and receivers to block DC while passing AC signals. 2. **EMI Filtering:** Suppressing high-frequency noise in power supply lines. 3. **Decoupling:** Preventing noise from one circuit stage from affecting another. 4. **Oscillators:** Serving as a reactive element in LC (Inductor-Capacitor) tuning circuits. --- ### 4. Handling and Mounting * **Orientation:** As a non-polarized component, it can be installed in either direction. * **Spacing:** When mounting, ensure the body is not resting against heat-sensitive components, as inductors can generate minor heat during high-current operation. * **Soldering:** Standard wave soldering or hand soldering is acceptable; however, avoid excessive heat on the leads to prevent damage to the internal wire-to-lead connection.
    ✨ Follow-up Questions
    • ⤷What does the 'R56' signify in the part numbering convention?
    • ⤷ How does the 'J' tolerance compare to 'K' or 'M' ratings?
    • ⤷ Can this inductor be used in high-temperature automotive environments?