データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTC3F-R10J

  • AI
    The **CTC3F-R10J** is a specific electronic component belonging to the **Fixed Inductor** category, typically manufactured by companies like Central Technologies. It is a leaded, axial-conformal coated inductor designed for general-purpose filtering and RF applications. --- ## 1. Technical Specifications The part number "R10J" provides specific data regarding its inductance and tolerance. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.10 µH (Microhenries) | | **Tolerance** | ±5% (indicated by the 'J' suffix) | | **Core Material** | Phenolic (Non-magnetic) | | **Package / Case** | Axial Leaded (Conformal Coated) | | **Operating Temperature** | -55°C to +125°C | | **Current Rating (Max)** | Approx. 1350 mA (varies by specific series) | --- ## 2. Key Characteristics * **Inductance Code:** The "R10" indicates a decimal point. $R = \text{Decimal}$, so $0.10$. * **Tolerance Code:** * **J:** ±5% * **K:** ±10% (Alternative) * **M:** ±20% (Alternative) * **Construction:** These are usually "color-banded" similar to resistors. For 0.10 µH, the color bands would typically represent the value and the gold band for 5% tolerance. --- ## 3. Function and Applications The CTC3F-R10J acts as a low-pass filter or a frequency-selective component. Its low inductance value (0.10 µH) makes it ideal for high-frequency applications. ### Common Uses: 1. **RF Coupling/Decoupling:** Blocking high-frequency noise from entering sensitive DC power lines. 2. **Signal Filtering:** Used in radio receivers or transmitters to isolate specific frequency bands. 3. **EMI Suppression:** Reducing electromagnetic interference in consumer electronics. 4. **Oscillator Circuits:** Serving as a frequency-determining element in LC (Inductor-Capacitor) circuits. --- ## 4. Equivalent and Replacement Guide If you are looking for a replacement, ensure the following parameters match or exceed the original: ```markdown 1. Inductance: Must be 0.10 µH. 2. Self-Resonant Frequency (SRF): Must be equal to or higher than the original for RF stability. 3. DC Resistance (DCR): Lower is better to prevent power loss/heat. 4. Current Rating (Idc): Must be equal to or higher than the circuit's peak current. ```
    ✨ Follow-up Questions
    • ⤷What are the color bands for a 0.10 uH 5% inductor?
    • ⤷ How does the phenolic core affect its performance compared to ferrite?
    • ⤷ What is the maximum DC resistance (DCR) for this specific part?