データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTC3F-R15J

  • AI
    # Overview of the CTC3F-R15J Electronic Component The **CTC3F-R15J** is a specific model of a **Fixed Inductor** (Choke), typically manufactured by companies like Central Technologies. It is a leaded, axial-style component used primarily for filtering, decoupling, and frequency discrimination in electronic circuits. --- ## 1. Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.15 µH (Microhenries) | | **Tolerance** | ±5% (indicated by the 'J' suffix) | | **Core Material** | Phenolic or Ferrite (depending on frequency range) | | **Form Factor** | Axial Leaded (Through-hole) | | **Package Series** | CTC3F Series (Molded Inductor) | | **Operating Temperature** | -55°C to +125°C | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying the part's characteristics: * **CTC3F**: The series designation. "3F" typically refers to the physical size and the molding style of the inductor. * **R15**: The inductance value. The "R" acts as a decimal point. Therefore, `R15` = `0.15`. * **J**: The tolerance code. In the electronic component world, `J` stands for `±5%`. --- ## 3. Key Electrical Characteristics 1. **High Self-Resonant Frequency (SRF):** Because the inductance is very low (0.15 µH), this part is designed to operate at very high frequencies without becoming capacitive. 2. **Quality Factor (Q):** Usually optimized for high-frequency performance to minimize energy loss. 3. **DCR (DC Resistance):** Because it is a low inductance value, the internal wire length is short, resulting in a very low DCR, which allows for higher current handling relative to its size. --- ## 4. Typical Applications The CTC3F-R15J is commonly found in the following circuit types: * **RF Coupling/Decoupling:** Blocking high-frequency noise from power supply lines. * **Filtering:** Used in low-pass or band-pass filters for radio frequency applications. * **Signal Processing:** Shaping waveforms in high-speed communication equipment. * **Consumer Electronics:** Found in television tuners, radio receivers, and telecommunication devices. --- ## 5. Physical Construction * **Encapsulation:** The "Molded" nature of the CTC3F series means the internal coil is protected by a hard epoxy resin. This provides excellent mechanical strength and resistance to moisture and environmental contaminants. * **Mounting:** Designed for **Through-Hole Technology (THT)**. The leads are usually tinned copper for easy soldering.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the CTC3F-R15J?
    • ⤷ How does the 'Q factor' impact the performance of this specific inductor?
    • ⤷ Can this inductor be used in surface-mount (SMT) applications with adapters?