データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTC3F-R39J

  • AI
    The **CTC3F-R39J** is an electronic component known as a **Fixed Inductor** (specifically a Conformal Coated Axial Lead Inductor). These parts are commonly used in power supplies, filters, and signal processing circuits. --- ### 1. Technical Specifications The part number can be broken down to understand its electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.39 µH (Microhenries) | | **Tolerance** | ±5% (indicated by the "J" suffix) | | **Core Material** | Phenolic or Ferrite (depending on specific series batch) | | **Package Type** | Axial Leaded (Through-hole) | | **Coating** | Conformal Coated (typically Epoxy) | | **Maximum DC Resistance (DCR)** | Low (typically < 0.20 Ω) | | **Incremental Current** | High relative to size (Standard range) | --- ### 2. Key Features * **Small Footprint:** Designed for high-density PC board mounting. * **Protection:** The conformal coating provides excellent moisture resistance and environmental protection. * **Frequency:** Optimized for high-frequency applications due to the low inductance value (0.39 µH). * **Color Coding:** Typically uses color bands to denote inductance value and tolerance, similar to resistors. --- ### 3. Common Applications This specific inductor is generally used in: 1. **RF Circuits:** For impedance matching and tuning. 2. **Decoupling:** Filtering out high-frequency noise in DC power lines. 3. **Signal Conditioning:** Used in low-pass or high-pass filters to allow specific frequencies to pass while blocking others. --- ### 4. Part Number Breakdown (CTC3F Series) | Segment | Meaning | | :--- | :--- | | **CTC3F** | Series designation (Standard Axial Inductor) | | **R39** | Inductance value (R = Decimal point; 0.39) | | **J** | Tolerance code (J = ±5%) |
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to axial leaded inductors for surface-mount (SMD) designs?
    • ⤷ How do I read the color bands on an inductor to verify the 0.39uH value?
    • ⤷ What is the maximum operating temperature for CTC3F series inductors?