CTC3F-R47K
AI

The **CTC3F-R47K** is a specific model of a fixed inductor, typically used in power supplies, filtering circuits, and decoupling applications. Below is a detailed breakdown of its electronic specifications and characteristics.
---
## 1. Technical Specifications
The part number follows a standard nomenclature used by manufacturers (such as Central Technologies). Here are the primary parameters:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.47 µH | The "R47" in the part number indicates 0.47 |
| **Tolerance** | ±10% | The "K" suffix indicates a 10% tolerance range |
| **Core Material** | Ferrite | High permeability material for efficiency |
| **Mounting Type** | Through-Hole | Axial leaded configuration |
| **Package/Case** | Conformal Coated | Insulated body to prevent short circuits |
---
## 2. Part Number Breakdown
Understanding the code helps in identifying replacements or similar parts:
* **CTC3F**: The series identifier. "CTC" represents the manufacturer series, and "3F" usually denotes the physical size and power handling capability.
* **R47**: The inductance value. "R" acts as the decimal point (0.47). If it were 4R7, it would be 4.7 µH.
* **K**: The tolerance code.
* *J* = ±5%
* *K* = ±10%
* *M* = ±20%
---
## 3. Key Characteristics
### Physical Construction
These inductors are typically **Axial Leaded**, meaning they have wires coming out of both ends of a cylindrical body. The body is coated with an epoxy resin (conformal coating) to protect the copper windings from moisture and mechanical stress.
### Electrical Behavior
1. **High Self-Resonant Frequency (SRF):** Due to the low inductance value (0.47 µH), this part can operate effectively at high frequencies without becoming capacitive.
2. **DC Resistance (DCR):** Usually very low, minimizing power loss and heat generation during operation.
3. **Current Rating:** Designed to handle a specific maximum current (Idc) before the core saturates or the temperature rises excessively.
---
## 4. Typical Applications
* **Signal Filtering:** Used in low-pass filters to block high-frequency noise while allowing DC or low-frequency signals to pass.
* **Decoupling:** Placed near IC power pins to filter out supply noise.
* **RF Circuits:** Used in radio frequency applications where precise, low-inductance values are required.
* **Power Supplies:** Used in DC-DC converters for energy storage or smoothing.
---
- ⤷
What is the maximum current rating (Idc) for the CTC3F-R47K?
- ⤷ How does the ferrite core affect the performance compared to an air-core inductor?
- ⤷ What are the common alternatives or equivalents for this axial inductor?