データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTLL2012-R10K

  • AI
    ### CTLL2012-R10K Technical Specifications and Analysis The **CTLL2012-R10K** is a surface-mount (SMD) multilayer chip inductor. It is commonly used in high-frequency circuits for signal conditioning and noise suppression. --- ### 1. General Specifications Based on the part numbering convention for Central Technologies (CTL), the specifications are as follows: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.10 µH (100 nH) | | **Tolerance** | ±10% (K) | | **Case Size** | 2012 (EIA 0805) | | **Dimensions** | 2.0mm x 1.25mm | | **Material Type** | Multilayer Ceramic / Ferrite | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the component's architecture: * **CTLL**: Series prefix (Multilayer Chip Inductor). * **2012**: The metric size (2.0mm length × 1.25mm width), equivalent to the **0805** imperial size. * **R10**: The inductance value. "R" acts as a decimal point. $R10 = 0.10$ µH. * **K**: The tolerance code. $K = \pm 10\%$. --- ### 3. Typical Electrical Characteristics While specific values can vary slightly by manufacturer batch, standard 2012-R10K inductors typically exhibit the following performance profile: | Feature | Typical Value | | :--- | :--- | | **Q-Factor (Min)** | 10 to 15 | | **Self-Resonant Frequency (SRF)** | 230 - 250 MHz | | **DC Resistance (DCR)** | 0.30 - 0.50 $\Omega$ | | **Rated Current ($I_{dc}$)** | 200 - 300 mA | | **Operating Temperature** | -40°C to +85°C | --- ### 4. Application Use Cases The CTLL2012-R10K is designed for low-power, high-frequency environments: * **RF Matching:** Used in wireless communication modules to match impedance. * **EMI Filtering:** Suppressing high-frequency noise in digital signal lines. * **Mobile Electronics:** Ideal for compact PCB layouts in smartphones and tablets due to the small 0805 footprint. * **LC Resonant Circuits:** Acting as the inductive element in oscillators or filters. --- ### 5. Land Pattern (Soldering) For PCB design, the recommended land pattern for a 2012 (0805) package is: ```text L (Length): 2.0mm W (Width): 1.25mm Recommended Pad Size: 1.0mm x 1.4mm Gap between Pads: 0.8mm to 1.2mm ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic and a ferrite core for this inductor?
    • ⤷ How does the SRF (Self-Resonant Frequency) limit its use in high-speed circuits?
    • ⤷ Are there alternative tolerances available for the CTLL2012 series?